Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33480 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # 33480
Description  Smart Front Corner Light
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33480 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button 33480 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
Analog Integrated Circuit Device Data
22
Freescale Semiconductor
33480
OPERATIONAL MODES
Figure 9. Wake-up block diagram
Note*:
Internal
regulator
Fault
management
PWM freq
detector
Oscillator
500kHz
SPI registers
PWM module
RSTB
Flasher
IGN
Vbat
Vcc
Dig5V
Wake-up bar
Flasher_ON
IGN_ON
wake
Fail
SPI fail
Vcc fail
External
Limp
OR
Deglitcher
(Note*)
Deglitcher
(Note*)
reset
external_ON
external
external: IGN, Flasher
external_ON: IGN_ON, Flasher_ON
1.4 sec min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com