Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33480 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33480
Description  Smart Front Corner Light
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33480 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33480 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33480
MAXIMUM RATINGS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
Overvoltage Test Range (all OUT[1:5] ON with nominal DC current)
2.0 Hours @ 25°C
1.0 Min @ 25°C
Load Dump (400 ms) @ 25°C
VBAT
20
27
40
V
Reverse Polarity Voltage Range (all OUT[1:5] ON with nominal DC current)
2.0 Min @ 25°C
VBAT
-15
V
VCC Supply Voltage
VCC
-0.3 to 5.5
V
OUT[1:5] Voltage
Positive
Negative (ground disconnected)
VOUT
40
-16
V
Digital Input Current in Clamping Mode (SI, SCLK, CS, IGN, FLASHER, LIMP)
IIN
5.0
mA
SO and FETOUT Outputs Voltage
VSO
-0.3 to VCC+0.3
V
FETin Input Current
IFETin
10
mA
Outputs clamp energy using single pulse method (L=2mH; R=0; Vbat=14V
@150°C initial)
OUT[1,5]
OUT[2:4]
E1,5
E2,3,4
85
300
mJ
ESD Voltage (2)
Human Body Model (HBM)
Human Body Model (HBM) OUT [1:5]
Charge Device Model (CDM)
VESD
±2kV
±8kV
TBD
V
THERMAL RATINGS
Operating Temperature
Ambient
Junction
TA
TJ
-40 to 125
-40 to 150
°C
Peak Terminal Re-flow Temperature During Solder Mounting (3)
TSOLDER
260
°C
Storage Temperature
TSTG
-55 to 150
°C
THERMAL RESISTANCE
Thermal Resistance, Junction to Case (4)
RθJC
1.0
°K/W
Notes
2.
ESD testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100 pF, RZAP = 1500 Ω) and the Charge Device
Model.
3.
Terminal soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits
may cause malfunction or permanent damage to the device. If the qualification fails, TSOLDER will be changed for 240°C.
4.
Typical value guaranteed per design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com