Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33480 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33480
Description  Smart Front Corner Light
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33480 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33480 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33480
STATIC ELECTRICAL CHARACTERISTICS
LOGIC INPUT/OUTPUT (IGN, CS, CSNS) (CONTINUED)
SO Tri-State Leakage Current
CS
> 0.7 VCC
ISOLEAK
-1.0
0.0
1.0
µA
Current Sense Output Clamp Voltage
ICSNS<10mA
VCSNS
5.0
6.0
7.0
V
OUTPUTS (OUT 1-5)
Output Negative Clamp Voltage
IOUT = - 500 mA, Outputs OFF
VOUT
-20.0
–
-16.0
V
Drain to Source Clamp Voltage
IOUT = + 500 mA, Outputs shorted to ground
IOUT =OCHI, this parameter is guaranteed by design
VDSCLAMP
41.0
47.0
53.0
V
Current Sense Output Precision (8)
Full-Scale Range (FSR)
0.75 FSR
0.50 FSR
0.25 FSR
0.10 FSR
ICS/ICS
–
–
–
–
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
%
Temperature Drift of Current Sense Output (9)
VBAT=13.5V, IOUT1,5=2.8 A, IOUT2-4=5.5 A, reference taken at
TA=25°C
∆ICS/∆T
–
TBD
±400
ppm/°C
Over Temperature Shutdown
TOTS
160
175
190
°C
Thermal PreWarning
TOTSWARN
110
125
140
°C
PARKING LIGHT OUT1
Output Drain-to-Source ON Resistance (IOUT = 2.8 A, TA = 25°C)
VBAT = 13.5 V
VBAT = 7.0 V
RDS(ON)
–
–
–
–
35
55
m
Ω
Output Drain-to-Source ON Resistance (IOUT = 2.8 A, VBAT = 13.5 V,
TA = 150°C)
(10)
RDS(ON)
–
–
59.5
m
Ω
Reverse Output ON Resistance (IOUT = -2.8 A, TA = 25°C) (11)
VBAT = -12 V
RSD(ON)
–
–
70
m
Ω
High Over Current Shutdown Threshold 1(10)
VBAT = 16 V, TA = -40°C
VBAT = 16 V, TA = 25°C
VBAT = 16 V, TA = 125°C
IOCHI1
27.7
TBD
TBD
TBD
34.6
TBD
34.6
TBD
38.9
TBD
TBD
TBD
A
Notes
8.
TA = 25°C. δICS/ICS= (measured ICS - targeted ICS)/ targeted ICS with targeted ICS=5mA
9.
Based on statistical data. Not production tested.
∆ICS/∆T= [(measured ICS at T1 - measured ICS at T2) / measured ICS at room] / (T1 - T2)
10.
Parameter guaranteed by design; however, it is not production tested.
11.
Source-to-Drain ON Resistance (Reverse Drain-to-Source ON Resistance) with negative polarity VBAT.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 4.5 V
≤ VCC ≤ 5.5 V, 7.0 V ≤ VBAT ≤ 18 V, -40°C ≤ TA ≤ 125°C, GND = 0 V unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com