Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33480 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # 33480
Description  Smart Front Corner Light
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33480 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button 33480 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
Analog Integrated Circuit Device Data
30
Freescale Semiconductor
33480
FUNCTIONAL DESCRIPTION
PROTECTION AND DIAGNOSIS FEATURES
ADDRESS 01110—CONTROL EXTERNAL SWITCH
Same description as OUT1.
ADDRESS 01111 —TEST MODE
This register is reserved for test and is not available with
SPI during normal operation.
SERIAL OUTPUT COMMUNICATION (DEVICE
STATUS RETURN
DATA)
When the CS terminal is pulled low, the output register is
loaded. Meanwhile, the data is clocked out MSB first as the
new message data is clocked into the SI terminal. The first
16 bits of data clocking out of the SO, and following a CS
transition, is dependant upon the previously written SPI word
(SOA1 and SOA0 defined in the last SPI initialization word).
Any bits clocked out of the SO terminal after the first 16 will
be representative of the initial message bits clocked into the
SI terminal since the CS terminal first transitioned to a
logic [0]. This feature is useful for daisy chaining devices.
A valid message length is determined following a CS
transition of logic [0] to logic [1]. If the message length is
valid, the data is latched into the appropriate registers. A valid
message length is a multiple of 16 bits. At this time, the SO
terminal is tri-stated and the fault status register is now able
to accept new fault status information.
The output status register correctly reflects the status of
the Initialization-selected register data at the time that the CS
is pulled to a logic [0] during SPI communication and/or for
the period of time since the last valid SPI communication,
with the following exceptions:
• The previous SPI communication was determined to be
invalid. In this case, the status will be reported as
though the invalid SPI communication never occurred.
• Battery transients below 6.0 V, resulting in an under-
voltage shutdown of the outputs, may result in incorrect
data loaded into the status register.
SERIAL OUTPUT BIT ASSIGNMENT
The contents of bits OD15:OD0 depend on bits D1:D0
from the most recent initialization command SOA[1:0] (refer
to Table 8, page 28), as explained in the paragraphs that
follow.
The register bits are reset by a read operation and also if
the fault is removed.
Table 11 summarizes the SO register content. Bit OD10
reflects Normal mode (NM).
Table 11. Serial Output Bit Map Description
Status/
Mode
Previous
SI Data
SO Data
SO
A1
SO
A0
OD15 OD14 OD13 OD12 OD11 OD10 OD9
OD8
OD7
OD6
OD5
OD4
OD3
OD2
OD1
OD0
Output
Status
0
0
0
0
UVF OTW OTS
NM
OL5
OVL5
OL4
OVL4
OL3
OVL3
OL2
OVL2
OL1
OVL1
Overload
Status
0
1
0
1
UVF OTW OTS
NM
OC5
OTS5
OC4
OTS4
OC3
OTS3
OC2
OTS2
OC1
OTS1
Device
Status
1
0
1
0
UVF OTW OTS
NM
0
OV
X
X
X
RC
0
FLASHER
pin
IGN
pin
CLOCK
fail
Test
Mode
1
1
1
1
UVF OTW OTS
NM
0
0
0
0
0
0
0
0
0
0
Reset
X
X
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com