Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33480 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33480
Description  Smart Front Corner Light
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33480 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33480 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33480
TERMINAL CONNECTIONS
TERMINAL CONNECTIONS
Figure 3. 33480 Terminal Connections (Transparent Top View Of Package)
Table 1. 33480 Terminal Definitions
A functional description of each terminal can be found in the Functional Terminal Description section beginning on Page 17.
Terminal
Number
Terminal
Name
Terminal
Function
Formal Name
Definition
1
FETIN
Input
External FET Input This terminal is the current sense recopy of the external SMART MOSFET.
2
IGN
Input
Ignition Input
(Active High)
This input wakes the device. It also controls the Outputs 1 and 2 in case of Fail
mode activation. This terminal has a passive internal pulldown.
3
RSTB
Input
Reset
This input wakes the device. It is also used to initialize the device configuration
and fault registers through SPI. This digital terminal has a passive internal
pulldown.
4
FLASHER
Input
Flasher Input
(Active High)
This input wakes the device. The Fail mode can be activated by this digital input.
This terminal has a passive internal pulldown.
5
CLOCK
Input
Clock Input
The PWM frequency and timing are generated from this digital clock input by
the PWM module. This terminal has an active internal pulldown current source.
6
LIMP
Input
Limp Home Input
(Active High)
The Fail mode can be activated by this digital input. This terminal has an active
internal pulldown current source.
7
NC
NC
No Connect
No internal connection to this terminal.
8
CS
Input
Chip Select
(Active Low)
When this digital signal is high, SPI signals are ignored. Asserting this terminal
low starts an SPI transaction. The transaction is signaled as completed when
this signal returns high. This terminal has an active internal pullup current
source.
9
SCLK
Input
SPI Clock Input
This digital input terminal is connected to the master microcontroller providing
the required bit shift clock for SPI communication. This terminal has an active
internal pulldown current source.
13
24
12
10 9
8
7
6
5
4
3
2
1
11
23
22
19
20
21
16
17
18
15
14
CP
GND
OUT5
OUT4
OUT3
OUT2
OUT1
GND
CSNS
GND
VBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com