Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4 Datasheet (PDF) - GREATECS

MP4 Datasheet PDF - GREATECS
Part # MP4
Download  MP4 Download
File Size   174.99 Kbytes
Page   1 Pages
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS
Description Micro Switches 16A 125/250VAC

MP4 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP4 Datasheet PDF - GREATECS

Part # MP4
Download  MP4 Click to download

File Size   174.99 Kbytes
Page   1 Pages
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS
Description Micro Switches 16A 125/250VAC

MP4 Datasheet (HTML) - GREATECS


MP4 Product details

Micro Switches
Micro Switches 16A 125/250VAC

FEATURES
» Long Life spring mechanism
» Large over travel




Similar Part No. - MP4

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
MP4 EMERSON-NETWORKPOWER-MP4 Datasheet
411Kb / 8P
Current share on all outputs with ratings of 10 A or greater
logo
Mercury United Electron...
MP4 MERCURY-MP4 Datasheet
116Kb / 1P
Surface Mount Crystals
logo
EUROQUARTZ limited
MP4 EUROQUARTZ-MP4 Datasheet
152Kb / 1P
12 x 4.5mm Compatible SMD Crystal
logo
List of Unclassifed Man...
MP4-10B ETC2-MP4-10B Datasheet
412Kb / 2P
Flush and extended pushbuttons Non-illuminated Momentary and maintained
MP4-10C ETC2-MP4-10C Datasheet
412Kb / 2P
Flush and extended pushbuttons Non-illuminated Momentary and maintained
More results


Similar Description - MP4

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
ZG-1435-1 JMK-ZG-1435-1 Datasheet
35Kb / 1P
Operating Voltage = 125 / 250Vac Operating Current = 1.0 Ampere
logo
GREATECS
MP3 GREATECS-MP3 Datasheet
154Kb / 1P
Micro Switches up to 10A 125/250VAC
logo
PowerDynamics, Inc
PD-16EU POWERDYNAMICS-PD-16EU Datasheet
45Kb / 1P
CEE 7/7 CONTINENTAL EUROPEAN RECEPTACLE 16A 250VAC
PD-16F POWERDYNAMICS-PD-16F Datasheet
35Kb / 1P
CEE7-VII FRANCE/BELGIUM RECEPTACLE 10A~16A 250VAC
PD-L1420C-B POWERDYNAMICS-PD-L1420C-B Datasheet
122Kb / 1P
NEMA L14-20R CORD CONNECTOR 20A 125/250VAC; ASSEMBLY TYPE
logo
List of Unclassifed Man...
C1700HOAAC ETC2-C1700HOAAC Datasheet
147Kb / 2P
1700 & 1750 Toggle Switches 16A 250Vac Single and Double Pole
H8500VBBB-551W-B ETC2-H8500VBBB-551W-B Datasheet
190Kb / 2P
8500 Rocker Switches - Miniature 10A 250Vac Single & Double Pole
logo
E-SWITCH
34-PP1DB72A2 E-SWITCH-34-PP1DB72A2 Datasheet
95Kb / 1P
UL 16A 125VAC, 12A 250VAC, 1HP/250VAC
34-PP1EB71A2 E-SWITCH-34-PP1EB71A2 Datasheet
60Kb / 1P
UL 16A 125VAC, 12A 250VAC, 1HP/250VAC
logo
List of Unclassifed Man...
MSW-21 ETC-MSW-21 Datasheet
100Kb / 1P
Micro Switches
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com