Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4 Datasheet(PDF) 1 Page - GREATECS

Part # MP4
Description  Micro Switches 16A 125/250VAC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

MP4 Datasheet(HTML) 1 Page - GREATECS

  MP4 Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Micro Switches
Micro Switches 16A 125/250VAC
MP4 Series
MP4
How to order:
1
2
3
4
sales@greatecs.com
www.greatecs.com
5
10.30
4.20
5.30
t=1.0
M3x0.5 Screw
7.0
11.30
11.77
Ø 1.70
4°
2.0
1.6
12.2
15.2
27.80
22.20
2.80
Ø3.40
Ø3.20
20.20
12.80
5.95
7.00
Hinged
Type
O.P.
(mm)
P.T.
max.
(mm)
O.T.
min.
(mm)
M.D.
max.
(mm)
Operating Force max. (gf)
Release Force min. (gf)
L
N
H
L
N
H
00
14.7±0.4
1.2
1.0
0.3
150±50
250±50
350±50
30
60
100
01
15.2±0.5
1.6
0.8
0.5
150±50
250±50
350±50
30
60
100
02
15.2±1.2
4.0
1.6
0.8
70
90
135
20
40
50
03
15.2±2.6
9.0
3.2
2.0
15
75
70
20
45
30
04
18.7±1.2
4.0
1.6
0.8
30
100
150
20
40
50
05
20.7±0.6
1.6
0.8
0.5
150±50
250±50
350±50
30
60
100
06
20.7±1.2
4.0
1.6
0.8
30
90
135
20
40
50
07
24.4±1.0
4.0
0.5
0.8
30
110
170
20
50
60
O.P. (Operation Position): The position of the actuator at which the contact snap to the operated contact position
F.P. (Free Position): The initial position on the actuator when there is no external force applied
P.T. (Pretravel): The distance or angle through which the actuator moves from the F.P. to the O.P.
O.T. (Over Travel): The distance or angle of the actuator movement beyond the O.P.
R.P. (Releasing Position): The position of the actuator at which the contacts snap from the operated contact position to
their normal position
M.D. (Movement Differential): The distance or angle from O.P. to R.P.
COM Terminal
Lever
Button
NC Terminal
NO Terminal
Contact Configuration
D Solder Lug
C Screw
Q250 Quick Connect 250 Series
Q187 Quick Connect 187 Series
H P.C.B. Terminal
27.8
20.2
22.0
8.4
35.6
8.4
00 Pin Plunger
01 Short
02 Standard
8.4
59.5
8.4
32.6
03 Long
04 Simulated
20.6
8.4
8.4
34.0
8.4
31.8
05 Short Roller
06 Standard Roller
07 L Shape
Ø4.8
Ø4.8
General Specifications:
FEATURES
» Long Life spring mechanism
» Large over travel
MATERIAL
» Stationary Contact: AgNi+CU
» Movable Contact: AgNi
» Terminals: C2680R-H
MECHANICAL
» Type of Actuation: Momentary
» Mechanical Life: 300,000 operations min.
» Operating Temperature: -25°C to +105°C
ELECTRICAL
» Electrical Life: 10,000 operations min.
» Initial Contact Resistance: 50mΩ max.
» Insulation Resistance: 100MΩ min.
R4
D
C
Q250
Q187
H
00
01
02
03
04
05
06
07
CURRENT RATING:
16A 125/250VAC
TERMINAL TYPE
(See above drawings):
Solder Lug
Screw
Quick Connect 250 Series
Quick Connect 187 Series
P.C.B. Terminal
HINGED TYPE
(See above drawings):
Pin Plunger
Short Hinge Lever
Standard Hinge Lever
Long Hinge Lever
Simulated Hinge Lever
Short Roller Hinge Lever
Standard Roller Hinge Lever
L Shape Hinge Lever
L
N
H
2
1C
1O
OPERATING FORCE
(See above shedule):
Lower Force
Standard Force
Higher Force
CIRCUIT
SPDT
SPST (NC)
SPST (NO)
1
2
3
4
5
Mounting Holes
Ø3.1 Screw Holes
22.20
Ø 2.4
t=0.80
7.0
12.80
6.35
2.2
10.00
t=0.5
Ø 2.4 Ø 1.6
12.80
9.20
TERMINAL TYPE
HINGED TYPE (LEVER)
OPERATING FORCE
MP4R4Q18700_ _
L04


Similar Part No. - MP4

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
MP4 EMERSON-NETWORKPOWER-MP4 Datasheet
411Kb / 8P
Current share on all outputs with ratings of 10 A or greater
logo
Mercury United Electron...
MP4 MERCURY-MP4 Datasheet
116Kb / 1P
Surface Mount Crystals
logo
EUROQUARTZ limited
MP4 EUROQUARTZ-MP4 Datasheet
152Kb / 1P
12 x 4.5mm Compatible SMD Crystal
logo
List of Unclassifed Man...
MP4-10B ETC2-MP4-10B Datasheet
412Kb / 2P
Flush and extended pushbuttons Non-illuminated Momentary and maintained
MP4-10C ETC2-MP4-10C Datasheet
412Kb / 2P
Flush and extended pushbuttons Non-illuminated Momentary and maintained
More results

Similar Description - MP4

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
ZG-1435-1 JMK-ZG-1435-1 Datasheet
35Kb / 1P
Operating Voltage = 125 / 250Vac Operating Current = 1.0 Ampere
logo
GREATECS
MP3 GREATECS-MP3 Datasheet
154Kb / 1P
Micro Switches up to 10A 125/250VAC
logo
PowerDynamics, Inc
PD-16EU POWERDYNAMICS-PD-16EU Datasheet
45Kb / 1P
CEE 7/7 CONTINENTAL EUROPEAN RECEPTACLE 16A 250VAC
PD-16F POWERDYNAMICS-PD-16F Datasheet
35Kb / 1P
CEE7-VII FRANCE/BELGIUM RECEPTACLE 10A~16A 250VAC
PD-L1420C-B POWERDYNAMICS-PD-L1420C-B Datasheet
122Kb / 1P
NEMA L14-20R CORD CONNECTOR 20A 125/250VAC; ASSEMBLY TYPE
logo
List of Unclassifed Man...
C1700HOAAC ETC2-C1700HOAAC Datasheet
147Kb / 2P
1700 & 1750 Toggle Switches 16A 250Vac Single and Double Pole
H8500VBBB-551W-B ETC2-H8500VBBB-551W-B Datasheet
190Kb / 2P
8500 Rocker Switches - Miniature 10A 250Vac Single & Double Pole
logo
E-SWITCH
34-PP1DB72A2 E-SWITCH-34-PP1DB72A2 Datasheet
95Kb / 1P
UL 16A 125VAC, 12A 250VAC, 1HP/250VAC
34-PP1EB71A2 E-SWITCH-34-PP1EB71A2 Datasheet
60Kb / 1P
UL 16A 125VAC, 12A 250VAC, 1HP/250VAC
logo
List of Unclassifed Man...
MSW-21 ETC-MSW-21 Datasheet
100Kb / 1P
Micro Switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com