Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6261 Datasheet (PDF) - Seme LAB

2N6261 Datasheet PDF - Seme LAB
Part # 2N6261
Download  2N6261 Download
File Size   18.33 Kbytes
Page   2 Pages
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB
Description HOMETAXIAL-BASE MEDIUM POWER SILICON NPN TRANSISTOR

2N6261 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6261 Datasheet PDF - Seme LAB

Part # 2N6261
Download  2N6261 Click to download

File Size   18.33 Kbytes
Page   2 Pages
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB
Description HOMETAXIAL-BASE MEDIUM POWER SILICON NPN TRANSISTOR

2N6261 Datasheet (HTML) - Seme LAB


2N6261 Product details

FEATURES
• fT = 800 kHz at 0.2A
• Maximum Safe-area of operation curves for dc and pulse operation.
• VCEV(sus) = 90V min
• Low Saturation Voltage: VCE(sat = 1.0V at IC = 0.5A)

APPLICATIONS
• Power Switching Circuits
• Series and shunt-regulator driver and output stages
• High-fidelity amplifers
• Solenoid Drivers




Similar Part No. - 2N6261

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N6261 CENTRAL-2N6261 Datasheet
51Kb / 1P
Power Transistors
logo
Savantic, Inc.
2N6261 SAVANTIC-2N6261 Datasheet
111Kb / 3P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2N6261 JMNIC-2N6261 Datasheet
140Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2N6261 ISC-2N6261 Datasheet
138Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2N6261 NJSEMI-2N6261 Datasheet
108Kb / 1P
SI PNP POWER BJT
More results


Similar Description - 2N6261

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N1479 MICROSEMI-2N1479 Datasheet
55Kb / 2P
NPN SILICON MEDIUM POWER TRANSISTOR
2N4237 MICROSEMI-2N4237 Datasheet
56Kb / 2P
NPN MEDIUM POWER SILICON TRANSISTOR
2N3506 MICROSEMI-2N3506 Datasheet
96Kb / 2P
NPN MEDIUM POWER SILICON TRANSISTOR
logo
SeCoS Halbleitertechnol...
BCP56 SECOS-BCP56 Datasheet
182Kb / 2P
NPN Silicon Medium Power Transistor
logo
Leshan Radio Company
L2SC2411KQLT1G LRC-L2SC2411KQLT1G Datasheet
148Kb / 4P
Medium Power Transistor NPN silicon
logo
Microsemi Corporation
JAN2N1479 MICROSEMI-JAN2N1479 Datasheet
57Kb / 2P
NPN SILICON MEDIUM POWER TRANSISTOR
JAN2N1480 MICROSEMI-JAN2N1480 Datasheet
57Kb / 2P
NPN SILICON MEDIUM POWER TRANSISTOR
logo
SeCoS Halbleitertechnol...
BCP56 SECOS-BCP56_15 Datasheet
173Kb / 2P
NPN Silicon Medium Power Transistor
CZT31C-C SECOS-CZT31C-C Datasheet
251Kb / 2P
NPN Silicon Medium Power Transistor
PZTA44-C SECOS-PZTA44-C Datasheet
235Kb / 2P
NPN Silicon Medium Power Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com