Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6261 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N6261
Description  HOMETAXIAL-BASE MEDIUM POWER SILICON NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N6261 Datasheet(HTML) 2 Page - Seme LAB

  2N6261 Datasheet HTML 1Page - Seme LAB 2N6261 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
mA
V
—
V
MHz
0.5
0.5
1.0
0.2
80
85
5
25
100
0.5
1.5
0.03
ICEO
ICEV
IEBO
VCEO(sus)
VCER(sus)
hFE
VCE(sat)
VBE
fhfe
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
2N6261
7/00
VCE = 60V
IB = 0
VCE = 80V
VBE = -1.5V
Tc = 150°C
VBE = -7V
IB = 0
IC = 0.1A
IB = 0
VBE = 5V
(RBE) = 100W
VCE = 2V
IC = 4A
VCE = 2V
IC = 1.5A
IC = 1.5A
IB = .0.15A
VCE = 2V
IC = 1.5
VCE = 4V
IC = 0.1
Collector Cut-off Current
with base open
Collector – Cut-off Current
Emitter Cut-off Current
Collector – Emitter Sustaining
Voltage with base open*
External Base to Emitter
Resistance
D.C Forward Current*
Collector to Emitter Saturation
Voltage*
Base – Emitter Voltage
Common Emitter Small Signal
Short Circuit, Forward Current
Transfer Ratio Cut off
Frequency
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
*Pulse test tp =300
ms d £ 1.8%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com