Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RD2 Datasheet (PDF) - GREATECS

RD2 Datasheet PDF - GREATECS
Part # RD2
Download  RD2 Download
File Size   272.4 Kbytes
Page   1 Pages
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS
Description 10 x 10 mm Rotary DIP Switches with 1:4 Pinout

RD2 Datasheet (PDF)

Go To PDF Page Download Datasheet
RD2 Datasheet PDF - GREATECS

Part # RD2
Download  RD2 Click to download

File Size   272.4 Kbytes
Page   1 Pages
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS
Description 10 x 10 mm Rotary DIP Switches with 1:4 Pinout

RD2 Datasheet (HTML) - GREATECS


RD2 Product details

Rotary Switches
10 x 10 mm Rotary DIP Switches with 1:4 Pinout

FEATURES
» Molded-in terminals and fully sealed construction
» Gold plated contact to ensure low contact resistance




Similar Part No. - RD2

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
RD2 POWERINT-RD2 Datasheet
114Kb / 12P
85 to 132 VAC or 170 to 265 VAC Input, 8W(10W Peak) Output
logo
RSG Electronic Componen...
RD2-0503D10A1 RSG-RD2-0503D10A1 Datasheet
1Mb / 8P
DC/DC-Converter
RD2-0503D10A3 RSG-RD2-0503D10A3 Datasheet
1Mb / 8P
DC/DC-Converter
RD2-0503E10A1 RSG-RD2-0503E10A1 Datasheet
849Kb / 3P
DC/DC-Converter
RD2-0503E10A3 RSG-RD2-0503E10A3 Datasheet
849Kb / 3P
DC/DC-Converter
More results


Similar Description - RD2

ManufacturerPart #DatasheetDescription
logo
ITT Industries
A10015RNZQ ITT-A10015RNZQ Datasheet
341Kb / 5P
1-4 Pole Rotary Switches
logo
GREATECS
RD1 GREATECS-RD1 Datasheet
314Kb / 1P
10 x 10 mm Rotary DIP Switches with 3:3 Pinout
RD3 GREATECS-RD3 Datasheet
264Kb / 1P
7.2 x 7.2 mm Rotary DIP Switches
RD81T GREATECS-RD81T Datasheet
222Kb / 1P
7.4 x 7.4 mm Sealed Mini Rotary DIP Switches (THR)
RD82T GREATECS-RD82T Datasheet
376Kb / 2P
10 x 10 mm Sealed Rotary DIP Switches (THR)
RD83T GREATECS-RD83T Datasheet
394Kb / 2P
10 x 10 mm Sealed Rotary DIP Switches (THR)
logo
Grayhill, Inc
94HAB10WRT GRAYHILL-94HAB10WRT Datasheet
1Mb / 3P
Rotary DIP Switches
logo
C&K Components
A10415RNCQ CK-COMPONENTS-A10415RNCQ Datasheet
310Kb / 5P
1-4 Pole Rotary Switches
A12515RNCQ CK-COMPONENTS-A12515RNCQ Datasheet
299Kb / 5P
1-4 Pole Rotary Switches
RTF CK-COMPONENTS-RTF Datasheet
470Kb / 4P
7.2mm x 7.2mm Low Profile Rotary DIP Switches
8 Nov 21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com