Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RD2 Datasheet (PDF) - Power Integrations, Inc.

RD2 Datasheet PDF - Power Integrations, Inc.
Part # RD2
Download  RD2 Download
File Size   114.91 Kbytes
Page   12 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 85 to 132 VAC or 170 to 265 VAC Input, 8W(10W Peak) Output

RD2 Datasheet (PDF)

Go To PDF Page Download Datasheet
RD2 Datasheet PDF - Power Integrations, Inc.

Part # RD2
Download  RD2 Click to download

File Size   114.91 Kbytes
Page   12 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 85 to 132 VAC or 170 to 265 VAC Input, 8W(10W Peak) Output

RD2 Datasheet (HTML) - Power Integrations, Inc.


RD2 Product details

Description
The RD2 reference design board is an example of a very low cost production worthy power supply design using the TOPSwitch family of Three-terminal Off-line Switchers from Power Integrations. It is intended to help TOPSwitch users to quickly develop their products by providing a basic design that can be easily modified to fit a particular application. In most cases, a minor change to the transformer for a different output voltage or voltages is all that is needed. A complete set of performance curves, the parts list, the board layout and details on transformer design are provided to speed up the TOPSwitch based switcher design.

Product Highlights
Low Cost Production Worthy Reference Design
• Only 21 components!
• Single sided board
• Low cost thru-hole components
• Fully assembled and tested
• Easy to evaluate and modify
• Extensive performance data
• Up to 77% efficiency
• Light weight - no heat sink required for TOPSwitch

Fully Protected by TOPSwitch
• Primary safety current limit
• Output short circuit protection
• Thermal shutdown protects entire power supply

Designed for World Wide Operation
• Designed for IEC/UL safety requirements
• Meets VDE Class B EMI specifications

Typical Applications
• Replacement for low power linear adapters
• Auxiliary power supply for appliance, motor control, utility meters, smart building, UPS, etc.




Similar Part No. - RD2

ManufacturerPart #DatasheetDescription
logo
GREATECS
RD2 GREATECS-RD2 Datasheet
272Kb / 1P
10 x 10 mm Rotary DIP Switches with 1:4 Pinout
logo
RSG Electronic Componen...
RD2-0503D10A1 RSG-RD2-0503D10A1 Datasheet
1Mb / 8P
DC/DC-Converter
RD2-0503D10A3 RSG-RD2-0503D10A3 Datasheet
1Mb / 8P
DC/DC-Converter
RD2-0503E10A1 RSG-RD2-0503E10A1 Datasheet
849Kb / 3P
DC/DC-Converter
RD2-0503E10A3 RSG-RD2-0503E10A3 Datasheet
849Kb / 3P
DC/DC-Converter
More results


Similar Description - RD2

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
RD5 POWERINT-RD5 Datasheet
122Kb / 12P
Reference Design Board 85 to 265 VAC Input, 20W (30W Peak) Output
RD6 POWERINT-RD6 Datasheet
162Kb / 12P
85 to 265 VAC Input, 15W Output USB Reference Design Board
RD8 POWERINT-RD8 Datasheet
133Kb / 12P
85 to 265 VAC Input, 3 W Output Reference Design Board
logo
Powerbox
PBKAM15 POWERBOX-PBKAM15 Datasheet
151Kb / 1P
Universal input 85 - 265 VAC
PBKAMN30 POWERBOX-PBKAMN30 Datasheet
163Kb / 1P
Universal input 85 - 265 VAC
PBKAMN40 POWERBOX-PBKAMN40 Datasheet
160Kb / 1P
Universal input 85 - 265 VAC
logo
MicroPower Direct, LLC
MACFM-02B MPD-MACFM-02B Datasheet
596Kb / 2P
85 to 305 VAC Input
MACFM-02A MPD-MACFM-02A Datasheet
508Kb / 2P
85 to 305 VAC Input
MACFM-03D MPD-MACFM-03D Datasheet
418Kb / 2P
85 to 305 VAC Input
logo
Arch Electronics Corp.
AES60D_SERIES ARCH-AES60D_SERIES Datasheet
235Kb / 2P
Universal Input: 85-265 VAC
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com