Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBKAM15 Datasheet (PDF) - Powerbox

PBKAM15 Datasheet PDF - Powerbox
Part # PBKAM15
Download  PBKAM15 Download
File Size   151.35 Kbytes
Page   1 Pages
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox
Description Universal input 85 - 265 VAC

PBKAM15 Datasheet (PDF)

Go To PDF Page Download Datasheet
PBKAM15 Datasheet PDF - Powerbox

Part # PBKAM15
Download  PBKAM15 Click to download

File Size   151.35 Kbytes
Page   1 Pages
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox
Description Universal input 85 - 265 VAC

PBKAM15 Datasheet (HTML) - Powerbox




Similar Part No. - PBKAM15

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBKAM10 POWERBOX-PBKAM10 Datasheet
153Kb / 1P
1 0 WAT T S - A C / D C P OWE R M O D U L E S I N G L E - M U LT I P L E O U T P U T
PBKAM1003 POWERBOX-PBKAM1003 Datasheet
153Kb / 1P
1 0 WAT T S - A C / D C P OWE R M O D U L E S I N G L E - M U LT I P L E O U T P U T
PBKAM1005 POWERBOX-PBKAM1005 Datasheet
153Kb / 1P
1 0 WAT T S - A C / D C P OWE R M O D U L E S I N G L E - M U LT I P L E O U T P U T
PBKAM1012 POWERBOX-PBKAM1012 Datasheet
153Kb / 1P
1 0 WAT T S - A C / D C P OWE R M O D U L E S I N G L E - M U LT I P L E O U T P U T
PBKAM1015 POWERBOX-PBKAM1015 Datasheet
153Kb / 1P
1 0 WAT T S - A C / D C P OWE R M O D U L E S I N G L E - M U LT I P L E O U T P U T
More results


Similar Description - PBKAM15

ManufacturerPart #DatasheetDescription
logo
Power-One
MAP140 POWER-ONE-MAP140 Datasheet
575Kb / 3P
Universal Input 85-264 VAC
MAP30 POWER-ONE-MAP30 Datasheet
133Kb / 4P
Universal Input 85-264 VAC
MAP140 POWER-ONE-MAP140_06 Datasheet
198Kb / 4P
Universal Input 85-264 VAC
logo
Emerson Network Power
NLP65 EMERSON-NETWORKPOWER-NLP65_09 Datasheet
427Kb / 4P
85 VAC to 264 VAC universal input range
logo
Powerbox
PBKAMN30 POWERBOX-PBKAMN30 Datasheet
163Kb / 1P
Universal input 85 - 265 VAC
PBKAMN40 POWERBOX-PBKAMN40 Datasheet
160Kb / 1P
Universal input 85 - 265 VAC
logo
Arch Electronics Corp.
AES60D_SERIES ARCH-AES60D_SERIES Datasheet
235Kb / 2P
Universal Input: 85-265 VAC
logo
Bel Fuse Inc.
MAP110 BEL-MAP110 Datasheet
781Kb / 6P
Universal Input 85-264 VAC
MAP140 BEL-MAP140 Datasheet
821Kb / 5P
Universal Input 85-264 VAC
ABC601 BEL-ABC601 Datasheet
1Mb / 11P
Universal input voltage range (85 ??305 VAC)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com