Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC601 Datasheet (PDF) - Bel Fuse Inc.

ABC601 Datasheet PDF - Bel Fuse Inc.
Part # ABC601
Download  ABC601 Download
File Size   1057.4 Kbytes
Page   11 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Universal input voltage range (85 ??305 VAC)

ABC601 Datasheet (PDF)

Go To PDF Page Download Datasheet
ABC601 Datasheet PDF - Bel Fuse Inc.

Part # ABC601
Download  ABC601 Click to download

File Size   1057.4 Kbytes
Page   11 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Universal input voltage range (85 ??305 VAC)

ABC601 Datasheet (HTML) - Bel Fuse Inc.




Similar Part No. - ABC601

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC60 BEL-ABC60 Datasheet
756Kb / 5P
Cover Kit Accessory Available
logo
Power-One
ABC60-1005G POWER-ONE-ABC60-1005G Datasheet
569Kb / 4P
60 W convection cooled, Conducted EMI EN 55022-B, FCC Part 15 Level B
logo
Bel Fuse Inc.
ABC60-1005G BEL-ABC60-1005G Datasheet
756Kb / 5P
Cover Kit Accessory Available
ABC60-1005G BEL-ABC60-1005G Datasheet
681Kb / 7P
4 x 2 x 1.2 Inch Form Factor (101.6 x 50.8 x 30.48 mm)
logo
Power-One
ABC60-1012G POWER-ONE-ABC60-1012G Datasheet
569Kb / 4P
60 W convection cooled, Conducted EMI EN 55022-B, FCC Part 15 Level B
More results


Similar Description - ABC601

ManufacturerPart #DatasheetDescription
logo
Power-One
MAP30 POWER-ONE-MAP30 Datasheet
133Kb / 4P
Universal Input 85-264 VAC
MAP140 POWER-ONE-MAP140_06 Datasheet
198Kb / 4P
Universal Input 85-264 VAC
logo
Emerson Network Power
NLP65 EMERSON-NETWORKPOWER-NLP65_09 Datasheet
427Kb / 4P
85 VAC to 264 VAC universal input range
logo
MicroPower Direct, LLC
MACFM-02B MPD-MACFM-02B Datasheet
596Kb / 2P
85 to 305 VAC Input
MACFM-02A MPD-MACFM-02A Datasheet
508Kb / 2P
85 to 305 VAC Input
logo
Arch Electronics Corp.
AES60D_SERIES ARCH-AES60D_SERIES Datasheet
235Kb / 2P
Universal Input: 85-265 VAC
logo
Bel Fuse Inc.
MAP110 BEL-MAP110 Datasheet
781Kb / 6P
Universal Input 85-264 VAC
MAP140 BEL-MAP140 Datasheet
821Kb / 5P
Universal Input 85-264 VAC
ABC1200 BEL-ABC1200 Datasheet
1Mb / 14P
Universal input voltage range (85 ??305 VAC)
ACC750 BEL-ACC750 Datasheet
1Mb / 12P
Universal input voltage range (85 ??305 VAC)
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com