Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC601 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # ABC601
Description  Universal input voltage range (85 ??305 VAC)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC601 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  ABC601 Datasheet HTML 1Page - Bel Fuse Inc. ABC601 Datasheet HTML 2Page - Bel Fuse Inc. ABC601 Datasheet HTML 3Page - Bel Fuse Inc. ABC601 Datasheet HTML 4Page - Bel Fuse Inc. ABC601 Datasheet HTML 5Page - Bel Fuse Inc. ABC601 Datasheet HTML 6Page - Bel Fuse Inc. ABC601 Datasheet HTML 7Page - Bel Fuse Inc. ABC601 Datasheet HTML 8Page - Bel Fuse Inc. ABC601 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
ABC601 Series
tech.support@psbel.com
MODEL NUMBER PACKAGE & COOLING
INPUT VOLTAGE
RANGE
[VAC]
NOM. OUTPUT
VOLTAGE
[VDC]
MAX. OUTPUT
POWER
[W]
MAX. OUTPUT
CURRENT
[A]
DIMENSIONS
ABC601-1T24-S
Enclosed
Front Mounted Fan
85 - 305
24
600
25
107.0 x 206.0 x 41.0 mm
4.21 x 8.11 x 1.6 in
ABC601-1T24
U-Chassis
Convection / Forced Air
85 - 305
24
600
25
107.0 x 178.5 x 41.0 mm
4.21 x 7.03 x 1.61 in
ABC601-1T28-S
Enclosed
Front Mounted Fan
85 - 305
28
600
21.4
107.0 x 206.0 x 41.0 mm
4.21 x 8.11 x 1.6 in
ABC601-1T28
U-Chassis
Convection / Forced Air
85 - 305
28
600
21.4
107.0 x 178.5 x 41.0 mm
4.21 x 7.03 x 1.61 in
ABC601-1T36-S
Enclosed
Front Mounted Fan
85 - 305
36
600
16.7
107.0 x 206.0 x 41.0 mm
4.21 x 8.11 x 1.6 in
ABC601-1T36
U-Chassis
Convection / Forced Air
85 - 305
36
600
16.7
107.0 x 178.5 x 41.0 mm
4.21 x 7.03 x 1.61 in
ABC601-1T48-S
Enclosed
Front Mounted Fan
85 - 305
48
600
12.5
107.0 x 206.0 x 41.0 mm
4.21 x 8.11 x 1.6 in
ABC601-1T48
U-Chassis
Convection / Forced Air
85 - 305
48
600
12.5
107.0 x 178.5 x 41.0 mm
4.21 x 7.03 x 1.61 in
PARAMETER
DESCRIPTION / CONDITION
MIN
NOM
MAX
UNIT
AC Input Voltage
PS starts and operates at 85 VAC at all load conditions
85
100-277
305
VRMS
DC Input Voltage
170
-
300
VDC
Input Frequency
440 Hz with reduced PFC and output power rating.
Consult factory for details.
47
50/60
440
Hz
Input Current
RMS at 180 VAC, maximum load, 50 / 60 Hz
RMS at 85 VAC, maximum load, 50 / 60 Hz
-
-
4.0
8.5
A
Inrush Current
Cold start, 25 °C ambient, full load
115 VAC
230 VAC
-
-
-
-
20
30
A
Fusing
High breaking, 10 A, 250 V on each AC lines.
-
-
10
A
Efficiency
20% rated load
89
-
-
%
At 115 VAC
50% rated load
93
-
-
100% rated load
92
-
-
20% rated load
90
-
-
At 230 / 277 VAC
50% rated load
94
-
-
100% rated load
94
-
-
Input Power Consumption
Power on, 115 VAC, no load
Power on, 230 VAC, no load
Stand by, 115, 230 VAC, no load
-
-
-
-
-
-
5
4
0.35
W
Power Factor
From 50 to 100% of rated load, 230, 115 VAC, 50 / 60 Hz input voltages.
0.90
-
-
-
THDi
From 50 to 100% rated load, 115, 230, 277 VAC 50 / 60 Hz.
-
-
20
%
Harmonic Current
Fluctuations and Flicker
Complies with EN 61000-3-2 at 230 VAC, 50/60 Hz, Class A, D.
Complies with EN 61000-3-2 Class C at 230 VAC, 50/60 Hz, >150 W load.
Complies with EN 61000-3-3 at nominal voltages and full load.
Earth Leakage Current
Normal conditions
115 VRMS, 60 Hz
230 VRMS, 50 Hz
264 VRMS, 60 Hz (worst case)
277 VRMS, 60 Hz
-
-
-
-
130
240
-
-
-
-
400
-
µA
Touch Leakage Current
264 VRMS, 60 Hz
Normal Condition (NC)
Single Fault Condition (SFC)
-
-
-
-
100
500
µA
Patient Leakage Current
264 VRMS, 60 Hz
Normal Condition (NC)
Single Fault Condition (SFC)
-
-
-
-
100
500
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com