Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC601 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # ABC601
Description  Universal input voltage range (85 ??305 VAC)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC601 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  ABC601 Datasheet HTML 1Page - Bel Fuse Inc. ABC601 Datasheet HTML 2Page - Bel Fuse Inc. ABC601 Datasheet HTML 3Page - Bel Fuse Inc. ABC601 Datasheet HTML 4Page - Bel Fuse Inc. ABC601 Datasheet HTML 5Page - Bel Fuse Inc. ABC601 Datasheet HTML 6Page - Bel Fuse Inc. ABC601 Datasheet HTML 7Page - Bel Fuse Inc. ABC601 Datasheet HTML 8Page - Bel Fuse Inc. ABC601 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
The ABC601 Series of industrial and medical AC-DC power supplies
provides up to 600 W of regulated output power through wide input
voltage range 85 – 305 VAC in single outputs of 24, 28, 36 or 48
VDC.
The ABC601 Series comes in two packages, U-frame chassis or
enclosed with a front mounted fan, offering 12 and 5 VSB standby
outputs and a full set of protection features.
The ABC601 Series features a built-in I-share circuit for parallel
operation between power units to enhance total power. An optional
OR-ing external circuit can be provided for N+1 redundant
operation.
The ABC601 Series complies with the latest international safety
standards for IT and medical equipment and displays the CE-Mark
for the European Low Voltage Directive (LVD).
•
Universal input voltage range (85 – 305 VAC)
•
Input surge current limiting
•
800 W peak power (up to 10 s)
•
High efficiency up to 94%
•
24, 28, 36 and 48 VDC standard output voltages
•
Low stand-by consumption (<0.35 W)
•
Active PFC, EN 61000-3-2 compliant (Class C, >25% load)
•
Low earth / touch leakage current
•
Fan speed control circuit
•
Over temperature, OV, OC and SC protections.
•
Stand by +5 V, 1.5 A and auxiliary / fan 12 VDC, 1 A outputs
•
Built-in current share signal for parallel operation
•
Remote On / Off signal
•
Power good and remote sense signals
•
Medical safety approval to IEC 60601-1, 2x MoPP protection grade
BF appliances compatible
•
IEC 60601-1-2 4th edition EMC compliant
•
IEC 62368-1 standards for Audio Video & IT equipment
•
LED lighting approval to UL 8750
•
RoHS 3 compliant (Directive EU 2015/863)
•
Video Wall Display and SSL Lighting
•
Industrial Process Control and Automation
•
Telecommunications
•
Laboratory / Analysis Equipment
•
Test and Measurement Equipment
•
Medical Applications


Similar Part No. - ABC601

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC60 BEL-ABC60 Datasheet
756Kb / 5P
Cover Kit Accessory Available
logo
Power-One
ABC60-1005G POWER-ONE-ABC60-1005G Datasheet
569Kb / 4P
60 W convection cooled, Conducted EMI EN 55022-B, FCC Part 15 Level B
logo
Bel Fuse Inc.
ABC60-1005G BEL-ABC60-1005G Datasheet
756Kb / 5P
Cover Kit Accessory Available
ABC60-1005G BEL-ABC60-1005G Datasheet
681Kb / 7P
4 x 2 x 1.2 Inch Form Factor (101.6 x 50.8 x 30.48 mm)
logo
Power-One
ABC60-1012G POWER-ONE-ABC60-1012G Datasheet
569Kb / 4P
60 W convection cooled, Conducted EMI EN 55022-B, FCC Part 15 Level B
More results

Similar Description - ABC601

ManufacturerPart #DatasheetDescription
logo
Power-One
MAP30 POWER-ONE-MAP30 Datasheet
133Kb / 4P
Universal Input 85-264 VAC
MAP140 POWER-ONE-MAP140_06 Datasheet
198Kb / 4P
Universal Input 85-264 VAC
logo
Emerson Network Power
NLP65 EMERSON-NETWORKPOWER-NLP65_09 Datasheet
427Kb / 4P
85 VAC to 264 VAC universal input range
logo
MicroPower Direct, LLC
MACFM-02B MPD-MACFM-02B Datasheet
596Kb / 2P
85 to 305 VAC Input
MACFM-02A MPD-MACFM-02A Datasheet
508Kb / 2P
85 to 305 VAC Input
logo
Arch Electronics Corp.
AES60D_SERIES ARCH-AES60D_SERIES Datasheet
235Kb / 2P
Universal Input: 85-265 VAC
logo
Bel Fuse Inc.
MAP110 BEL-MAP110 Datasheet
781Kb / 6P
Universal Input 85-264 VAC
MAP140 BEL-MAP140 Datasheet
821Kb / 5P
Universal Input 85-264 VAC
ABC1200 BEL-ABC1200 Datasheet
1Mb / 14P
Universal input voltage range (85 ??305 VAC)
ACC750 BEL-ACC750 Datasheet
1Mb / 12P
Universal input voltage range (85 ??305 VAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com