Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MACFM-02B Datasheet (PDF) - MicroPower Direct, LLC

MACFM-02B Datasheet PDF - MicroPower Direct, LLC
Part # MACFM-02B
Download  MACFM-02B Download
File Size   596.82 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description 85 to 305 VAC Input

MACFM-02B Datasheet (PDF)

Go To PDF Page Download Datasheet
MACFM-02B Datasheet PDF - MicroPower Direct, LLC

Part # MACFM-02B
Download  MACFM-02B Click to download

File Size   596.82 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description 85 to 305 VAC Input

MACFM-02B Datasheet (HTML) - MicroPower Direct, LLC




Similar Part No. - MACFM-02B

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MACFM-02A MPD-MACFM-02A Datasheet
508Kb / 2P
85 to 305 VAC Input
More results


Similar Description - MACFM-02B

ManufacturerPart #DatasheetDescription
logo
Power-One
MAP30 POWER-ONE-MAP30 Datasheet
133Kb / 4P
Universal Input 85-264 VAC
logo
Emerson Network Power
NLP65 EMERSON-NETWORKPOWER-NLP65_09 Datasheet
427Kb / 4P
85 VAC to 264 VAC universal input range
logo
MicroPower Direct, LLC
MACFM-02A MPD-MACFM-02A Datasheet
508Kb / 2P
85 to 305 VAC Input
MACFM-03D MPD-MACFM-03D Datasheet
418Kb / 2P
85 to 305 VAC Input
logo
Arch Electronics Corp.
AES60D_SERIES ARCH-AES60D_SERIES Datasheet
235Kb / 2P
Universal Input: 85-265 VAC
logo
Bel Fuse Inc.
MAP140 BEL-MAP140 Datasheet
821Kb / 5P
Universal Input 85-264 VAC
ABC601 BEL-ABC601 Datasheet
1Mb / 11P
Universal input voltage range (85 ??305 VAC)
ABC1200 BEL-ABC1200 Datasheet
1Mb / 14P
Universal input voltage range (85 ??305 VAC)
ACC750 BEL-ACC750 Datasheet
1Mb / 12P
Universal input voltage range (85 ??305 VAC)
logo
ETA-USA
ETJ02SX ETA-USA-ETJ02SX Datasheet
138Kb / 2P
RANGE: Full input Range 85 to 264 VAC.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com