Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC601 Datasheet(PDF) 8 Page - Bel Fuse Inc.

Part # ABC601
Description  Universal input voltage range (85 ??305 VAC)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC601 Datasheet(HTML) 8 Page - Bel Fuse Inc.

Back Button ABC601 Datasheet HTML 3Page - Bel Fuse Inc. ABC601 Datasheet HTML 4Page - Bel Fuse Inc. ABC601 Datasheet HTML 5Page - Bel Fuse Inc. ABC601 Datasheet HTML 6Page - Bel Fuse Inc. ABC601 Datasheet HTML 7Page - Bel Fuse Inc. ABC601 Datasheet HTML 8Page - Bel Fuse Inc. ABC601 Datasheet HTML 9Page - Bel Fuse Inc. ABC601 Datasheet HTML 10Page - Bel Fuse Inc. ABC601 Datasheet HTML 11Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
ABC601 Series
tech.support@psbel.com
PARAMETER
DESCRIPTION / CONDITION
STANDARD
PERFORMANCE
CLASS
Conducted
115, 230, 277 VRMS, Maximum load
EN 55022 (ITE)
EN 55011 (ISM)
EN 60601-1-2 (Medical)
FCC Part 15
B
Radiated
At 10 m distance
EN 55022 (ITE)
EN 55011 (ISM)
EN 60601-1-2 (Medical)
FCC Part 15
B *
Line Voltage Fluctuation & Flicker
At 20%, 50% and 100% maximum load.
Nominal input voltages
EN 61000-3-3
Harmonic Current Emission
230 VAC input voltage, 50 / 60 Hz
230 VAC 50 / 60 Hz, >150 W load
EN 61000-3-2
EN 61000-3-2
A, D
C
* Performance referred to the enclosed package. Radiated emission relevant to the U-Chassis package, should be assessed at system level.
PARAMETER
DESCRIPTION / CONDITION
STANDARD
TEST LEVEL
CRITERIA
Reference standard for the medical version
Reference standards for ITE
Reference standard for Industrial/IMS equipment
EN 60601-1-2, 4
th edition
EN 55024
EN 61000-6-2
ESD
15 kV air discharge, 8 kV contact,
at any point of the system.
EN 61000-4-2
4
A
Radiated Field
10 V/m, 80-1000 MHz, 1 kHz/2 Hz 80% AM.
Dwell time is 3 sec for 2 Hz modulation
Dwell time is 1 sec for 1 kKHz modulation
EN 61000-4-3
3
A
Electric Fast Transient
±2 kV on AC power port for 1 minute
EN 61000-4-4
3
A
Surge
±2 kV line to line; ± 4 kV line to earth on AC power port EN 61000-4-5
4
A
Conducted RF Immunity
10 VRMS, 0.15-80 MHz, 1 kHz, 80% AM
EN 61000-4-6
3
A
Dips and Interruptions
200 – 277 VAC:
Drop-out to 0% for 10 ms
Dip to 40% for 5 cycles (100 ms)
Dip to 70% for 25 cycles (500 ms)
Drop-out to 0% for 5 s
EN61000-4-11
EN61000-4-11
EN61000-4-11
EN61000-4-11
A
A
A
B
100 – 127 VAC:
Drop-out to 0% for 10 ms
Dip to 40% for 5 cycles (100 ms)
Dip to 70% for 25 cycles (500 ms)
Drop-out to 0% for 5 s
EN 61000-4-11
EN 61000-4-11
EN 61000-4-11
EN 61000-4-11
A
A (derate to 150 W)
A (derate to 400 W)
B
CERTIFICATION BODY
SAFETY STANDARDS
CATEGORY
CSA/UL
CSA C22.2 No. 60950-1, UL 60950-1 and UL 62368-1
Audio Video and Information
Technology Equipment
CSA C22.2 No.60601-1, ANSI/AAMI ES60601-1 3
rd edition + A1
Including Risk Management Assessment
Medical
UL8750, CSA C22.2 No 250.13
Lighting
IEC IECEE
CB Certification
IEC/EN 60950-1 and IEC/EN 62368-1
Audio Video and Information
Technology Equipment.
IEC/EN 60601-1 3
rd edition+A1 Including Risk Management Assessment
Medical
CE
Directive 2014/35/EU: Electrical Safety: Low Voltage electrical equipment (LVD)
Audio Video and Information
Technology Equipment
Directive 93/42/CEE: Safety Requirement of the Medical Device
Medical
Directive 2014/30/EU: Electromagnetic Compatibility (EMC)
Directive EU 2015/863: RoHS 3
Designed to meet IEC/EN/UL/CSA 61010-1 2
nd edition



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com