Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC601 Datasheet(PDF) 11 Page - Bel Fuse Inc.

Part # ABC601
Description  Universal input voltage range (85 ??305 VAC)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC601 Datasheet(HTML) 11 Page - Bel Fuse Inc.

Back Button ABC601 Datasheet HTML 3Page - Bel Fuse Inc. ABC601 Datasheet HTML 4Page - Bel Fuse Inc. ABC601 Datasheet HTML 5Page - Bel Fuse Inc. ABC601 Datasheet HTML 6Page - Bel Fuse Inc. ABC601 Datasheet HTML 7Page - Bel Fuse Inc. ABC601 Datasheet HTML 8Page - Bel Fuse Inc. ABC601 Datasheet HTML 9Page - Bel Fuse Inc. ABC601 Datasheet HTML 10Page - Bel Fuse Inc. ABC601 Datasheet HTML 11Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
ABC601 Series
11
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2020 Bel Power Solutions & Protection
BCD.01063_B
AC INPUT CONNECTOR – P1
Molex 26-62-4051
Mates with
Molex 09-93-0500 (housing)
Molex 08-52-0071 (terminal phosphor bronze, tin finishing)
Use 18 AWG minimum wires
PIN REF.
FUNCTION
1
L1
3
L
5
PE
DC OUTPUT CONNECTOR – P2
KARSON 520-041-2-1-00
Or equivalent
PIN REF.
FUNCTION
1 – 2
+V1
3 – 4
V1 RTN
SIGNAL CONNECTOR – P3
Molex 90130-1112
Mates with
Molex 90142-0012 (housing)
Molex 90119-0109 (terminal)
Use 22-24 AWG wires
PIN REF.
FUNCTION
1
RTN
2
-V2
3
+5VSB
4
+V2
5
RS
-
6
RS
+
7
+PS_Inhibit
8
I-Share
9
P_OK
10
VS_Logic
11
-PS_Inhibit
12
RTN
NUCLEAR AND MEDICAL APPLICATIONS - Products are not designed or intended for use as critical components in life support systems,
equipment used in hazardous environments, or nuclear control systems.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on the
date manufactured. Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com