Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC601 Datasheet(PDF) 7 Page - Bel Fuse Inc.

Part # ABC601
Description  Universal input voltage range (85 ??305 VAC)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC601 Datasheet(HTML) 7 Page - Bel Fuse Inc.

Back Button ABC601 Datasheet HTML 3Page - Bel Fuse Inc. ABC601 Datasheet HTML 4Page - Bel Fuse Inc. ABC601 Datasheet HTML 5Page - Bel Fuse Inc. ABC601 Datasheet HTML 6Page - Bel Fuse Inc. ABC601 Datasheet HTML 7Page - Bel Fuse Inc. ABC601 Datasheet HTML 8Page - Bel Fuse Inc. ABC601 Datasheet HTML 9Page - Bel Fuse Inc. ABC601 Datasheet HTML 10Page - Bel Fuse Inc. ABC601 Datasheet HTML 11Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ABC601 Series
7
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2020 Bel Power Solutions & Protection
BCD.01063_B
PARAMETER
DESCRIPTION / CONDITION
MIN
NOM
MAX
UNIT
Input Under Voltage
Auto-recovering, hiccup mode.
58
65
75
VAC
Input Fuse
High breaking, 10 A, 250 V on L and L1.
-
-
10
A
Over Current
At nominal input voltages
V1: Hiccup mode, auto-recovering (>10 s)
V1: Hiccup mode, auto-recovering (<10 s)
V2: PTC limiting, auto-recovering.
5VSB: Hiccup mode, auto-recovering:
U-Chassis models
Front Mounted Fan models (-S)
108
135
-
1.3
1.6
-
-
-
-
-
132
163
-
3.6
3.6
%I1Rated
%I1Rated
A
A
Short Circuit
At nominal input voltages
V1: Hiccup mode, auto-recovering.
V2: PTC limiting, auto-recovering.
5VSB: Hiccup mode, auto-recovering.
-
-
-
Over Voltage
V1, Power shut down, latch off.
5VSB, Hiccup mode, auto-recovering.
120
-
-
-
145
150
%VNOM
Over Temperature (on primary stage)
Shut down, latch off.
-
-
-
°C
Over Temperature (on secondary side)
Hiccup mode, auto-recovering.
-
-
-
°C
Isolation: Input-to-Output
Reinforced (2x MoPP).
Production tested at 4242 VDC
5660
4000
-
-
-
-
VDC
VAC
Isolation: Input-to-Earth
Basic (1x MoPP)
Production tested at 2121 VDC
2121
1500
-
-
-
-
VDC
VAC
Isolation: V1/5VSB to V2
Basic
100
-
-
VAC
Isolation: Output-to-Earth
Basic (1x MoPP)
1500
-
-
VAC
Means of Protection:
Primary to secondary
2x MoPP (IEC 60601-1 3
rd edition) at 100 – 250 V
AC, 50/60 Hz up to 4000 m
2x MoPP (IEC 60601-1 3
rd edition) at 100 – 277 V
AC, 50/60 Hz up to 3000 m
2x MoOP (IEC 60601-1 3
rd edition) at 100 – 277 V
AC, 440 Hz (50/60 Hz)
Means of Protection:
Primary to Protection Earth
1x MoPP (IEC 60601-1 3
rd edition) at 100 – 250 V
AC, 50/60 Hz up to 4000 m
1x MoPP (IEC 60601-1 3
rd edition) at 100 – 277 V
AC, 50/60 Hz up to 3000 m
1x MoOP (IEC 60601-1 3
rd edition) at 100 – 277 V
AC, 440 Hz (50/60 Hz)
Means of Protection:
Secondary to Protection Earth
1x MoPP (IEC 60601-1 3
rd edition) at 100 – 250 V
AC, 50/60 Hz up to 4000 m
1x MoPP (IEC 60601-1 3
rd edition) at 100 – 277 V
AC, 50/60 Hz up to 3000 m (U-chassis variant only)
1x MoOP (IEC 60601-1 3
rd edition) at 100 – 277 V
AC, 440 Hz (U-chassis variant only)
Equipment Protection Class
Class I, compatible with BF (Body Floating) ME
PARAMETER
DESCRIPTION / CONDITION
MIN
NOM
MAX
UNIT
Operating Temperature Range
No de-rating up to 50°C
-20
-
50
°C
Operating Temperature Range
with Derating
See derating curves & conditions in the Output Specifications section
-
-
70
°C
Storage Temperature
Transportation Temperature
As per IEC/EN 60721-3-1 Class 1K4
As per IEC/EN 60721-3-2 Class 2K4
-40
-
85
°C
Humidity
RH, Non-condensing Operating.
Non-operating
-
-
90
95
%
%
Operating Altitude
MoPP (100 – 250 VAC, 50/60 Hz)
MoPP (100 – 277 VAC, 50/60 Hz)
MoOP, ITE grade
Power de-rating above 1800 m
-
-
-
-
-
-
4000
3000
5000
m
Shock
EN 60068-2-27
Operating:
Half sine, 30 g, 18 ms, 3 axes, 6x each (3 positive and 3 negative).
Non-Operating: Half sine, 50 g, 11 ms, 3 axes, 6x each (3 positive and 3 negative).
Vibration
EN 60068-2-64
Operating:
Sine,10 – 500 Hz, 1 g, 3 axes, 1 oct/min., 60 min.
Random, 5 – 500 Hz, 0.02 g
2/Hz, 1 g
RMS, 3 axes, 30 min.
Non-Operating: 5 – 500 Hz, 2.46 gRMS (0.0122 g
2/Hz), 3 axes, 30 min.
MTBF
Full Load, 40 °C ambient
80% Duty cycle, Telcordia SR-332 Issue 2
300000
-
-
Hours
Useful Life
Nominal VIN, 80% load, 40 °C ambient (IPC9592)
-
4
-
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com