Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RD5 Datasheet (PDF) - Power Integrations, Inc.

RD5 Datasheet PDF - Power Integrations, Inc.
Part # RD5
Download  RD5 Download
File Size   122.04 Kbytes
Page   12 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Reference Design Board 85 to 265 VAC Input, 20W (30W Peak) Output

RD5 Datasheet (PDF)

Go To PDF Page Download Datasheet
RD5 Datasheet PDF - Power Integrations, Inc.

Part # RD5
Download  RD5 Click to download

File Size   122.04 Kbytes
Page   12 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Reference Design Board 85 to 265 VAC Input, 20W (30W Peak) Output

RD5 Datasheet (HTML) - Power Integrations, Inc.


RD5 Product details

Description
The RD5 reference design board is an example of a very low cost production worthy power supply design using the TOPSwitch family of Three-terminal Off-line PWM Switchers from Power Integrations. It is intended to help TOPSwitch users to develop their products quickly by providing a basic design that can be easily modified to fit a particular application. In most cases, a minor change to the transformer for a different output voltage is all that is needed. Multiple output voltages are obtained just as easily. A constant current or constant power output may be implemented with the addition of a few low cost components.

Product Highlights
Low Cost Production Worthy Reference Design
• Only 22 components!
• Single sided board
• Low cost thru-hole components
• Fully assembled and tested
• Easy to evaluate and modify
• Extensive performance data
• Up to 80% efficiency
• Light weight – no heat sink required for TOPSwitch-II

Fully Protected by TOPSwitch-II
• Primary safety current limit
• Output short circuit protection
• Thermal shutdown protects entire power supply

Designed for World Wide Operation
• Designed for IEC/UL safety requirements
• Meets VDE Class B EMI specifications




Similar Part No. - RD5

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RD5-0503R10A1 RSG-RD5-0503R10A1 Datasheet
1Mb / 6P
DC/DC-Converter
RD5-0503R10A3 RSG-RD5-0503R10A3 Datasheet
1Mb / 6P
DC/DC-Converter
RD5-0503R20A1 RSG-RD5-0503R20A1 Datasheet
1Mb / 6P
DC/DC-Converter
RD5-0503R20A3 RSG-RD5-0503R20A3 Datasheet
1Mb / 6P
DC/DC-Converter
RD5-0503R30A1 RSG-RD5-0503R30A1 Datasheet
1Mb / 4P
DC/DC-Converter
More results


Similar Description - RD5

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
RD2 POWERINT-RD2 Datasheet
114Kb / 12P
85 to 132 VAC or 170 to 265 VAC Input, 8W(10W Peak) Output
RD6 POWERINT-RD6 Datasheet
162Kb / 12P
85 to 265 VAC Input, 15W Output USB Reference Design Board
RD8 POWERINT-RD8 Datasheet
133Kb / 12P
85 to 265 VAC Input, 3 W Output Reference Design Board
SMP212 POWERINT-SMP212 Datasheet
1Mb / 20P
PWM POWER SUPPLY IC 85-265 VAC INPUT ISOLATED, REGULATED DC OUTPUT
logo
STMicroelectronics
STEVAL-ISA009V1 STMICROELECTRONICS-STEVAL-ISA009V1 Datasheet
83Kb / 4P
VIPer53-E single output reference design board with 90 to 264 VAC input and 24 W output
28-Nov-2007
logo
Powerbox
PBKAM15 POWERBOX-PBKAM15 Datasheet
151Kb / 1P
Universal input 85 - 265 VAC
PBKAMN30 POWERBOX-PBKAMN30 Datasheet
163Kb / 1P
Universal input 85 - 265 VAC
PBKAMN40 POWERBOX-PBKAMN40 Datasheet
160Kb / 1P
Universal input 85 - 265 VAC
logo
MicroPower Direct, LLC
MACFM-02A MPD-MACFM-02A Datasheet
508Kb / 2P
85 to 305 VAC Input
logo
Arch Electronics Corp.
AES60D_SERIES ARCH-AES60D_SERIES Datasheet
235Kb / 2P
Universal Input: 85-265 VAC
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com