Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP212 Datasheet (PDF) - Power Integrations, Inc.

SMP212 Datasheet PDF - Power Integrations, Inc.
Part # SMP212
Download  SMP212 Download
File Size   1312.44 Kbytes
Page   20 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description PWM POWER SUPPLY IC 85-265 VAC INPUT ISOLATED, REGULATED DC OUTPUT

SMP212 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMP212 Datasheet PDF - Power Integrations, Inc.

Part # SMP212
Download  SMP212 Click to download

File Size   1312.44 Kbytes
Page   20 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description PWM POWER SUPPLY IC 85-265 VAC INPUT ISOLATED, REGULATED DC OUTPUT

SMP212 Datasheet (HTML) - Power Integrations, Inc.




Similar Part No. - SMP212

ManufacturerPart #DatasheetDescription
logo
ETAL Group
SMP21-L20-DC24V-10A ETAL-SMP21-L20-DC24V-10A Datasheet
416Kb / 6P
The devices switches over automatically when connected to AC 115 V AC and 230 V
SMP21-L20-DC24V-20A ETAL-SMP21-L20-DC24V-20A Datasheet
425Kb / 6P
Wide range voltage input from AC 90 to 264 V
SMP21-L20-DC24V-5A ETAL-SMP21-L20-DC24V-5A Datasheet
414Kb / 6P
The devices switches over automatically when connected to AC 115 V AC and 230 V
SMP21-S20-DC24V-10A ETAL-SMP21-S20-DC24V-10A Datasheet
416Kb / 6P
The devices switches over automatically when connected to AC 115 V AC and 230 V
SMP21-S20-DC24V-20A ETAL-SMP21-S20-DC24V-20A Datasheet
425Kb / 6P
Wide range voltage input from AC 90 to 264 V
More results


Similar Description - SMP212

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
RD2 POWERINT-RD2 Datasheet
114Kb / 12P
85 to 132 VAC or 170 to 265 VAC Input, 8W(10W Peak) Output
RD5 POWERINT-RD5 Datasheet
122Kb / 12P
Reference Design Board 85 to 265 VAC Input, 20W (30W Peak) Output
RD6 POWERINT-RD6 Datasheet
162Kb / 12P
85 to 265 VAC Input, 15W Output USB Reference Design Board
RD8 POWERINT-RD8 Datasheet
133Kb / 12P
85 to 265 VAC Input, 3 W Output Reference Design Board
logo
Microdc power Technolog...
2E-XSR MICRODC-2E-XSR Datasheet
401Kb / 2P
FIXED INPUT,ISOLATED REGULATED Dual Output DC/DC Converter
F-XSR MICRODC-F-XSR Datasheet
455Kb / 2P
FIXED INPUT,ISOLATED®ULATED Single Output DC/DC Converter
logo
Powerbox
PBKAM15 POWERBOX-PBKAM15 Datasheet
151Kb / 1P
Universal input 85 - 265 VAC
PBKAMN30 POWERBOX-PBKAMN30 Datasheet
163Kb / 1P
Universal input 85 - 265 VAC
PBKAMN40 POWERBOX-PBKAMN40 Datasheet
160Kb / 1P
Universal input 85 - 265 VAC
logo
Arch Electronics Corp.
AES60D_SERIES ARCH-AES60D_SERIES Datasheet
235Kb / 2P
Universal Input: 85-265 VAC
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com