Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RD8 Datasheet (PDF) - Power Integrations, Inc.

RD8 Datasheet PDF - Power Integrations, Inc.
Part # RD8
Download  RD8 Download
File Size   133.08 Kbytes
Page   12 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 85 to 265 VAC Input, 3 W Output Reference Design Board

RD8 Datasheet (PDF)

Go To PDF Page Download Datasheet
RD8 Datasheet PDF - Power Integrations, Inc.

Part # RD8
Download  RD8 Click to download

File Size   133.08 Kbytes
Page   12 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 85 to 265 VAC Input, 3 W Output Reference Design Board

RD8 Datasheet (HTML) - Power Integrations, Inc.


RD8 Product details

Description
The RD8 reference design board is an example of a low cost production worthy design for an AC wall adapter or similar applications requiring small size, high efficiency, and low cost. The RD8 utilizes the TNY254 member of the TinySwitch family of low cost Off-line Switchers from Power Integrations. It is intended to help TinySwitch users develop their products quickly by providing a production ready design which needs little or no modification to meet system requirements. The RD8 is designed to replace conventional linear AC wall adapters, offering universal input range, smaller size, and high efficiency, all at a competitive cost. The RD8 is cost-competitive with linear solutions (regulated 50/60 Hz transformers).
The unique ON/OFF control scheme of Tinyswitch virtually eliminates energy consumption at no load. Typical linear wall adapters consume 1-4 watts at no load, which costs $1-$4 per year ( based on $0.12/kWhr). In comparison, a typicalTinySwitch supply consumes 30-70 mW at no load, offering substantial energy savings.

Low Cost Production Worthy AC Adapter Reference Design
• Cost competitive with linear solutions (regulated 50/
   60 Hz transformers)
• Lowest component count switching solution
• Ultra low no-load power consumption (30/70 mW @115/
   230 VAC)
• Simple low cost two-winding transformer
• Greater than 72% efficiency
• Low average EMI, only one inductive component
   required for EMI filtering
• Small size

Designed for World Wide Operation
• Designed for IEC/UL safety requirements
• Meets FCC/VDE Class B EMI specifications
• Wide range input voltage




Similar Part No. - RD8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RD8-10 ETC2-RD8-10 Datasheet
235Kb / 1P
Nylon-Insulated Ring Terminals
RD8-12 ETC2-RD8-12 Datasheet
235Kb / 1P
Nylon-Insulated Ring Terminals
RD8-14 ETC2-RD8-14 Datasheet
235Kb / 1P
Nylon-Insulated Ring Terminals
RD8-38 ETC2-RD8-38 Datasheet
235Kb / 1P
Nylon-Insulated Ring Terminals
RD8-516 ETC2-RD8-516 Datasheet
235Kb / 1P
Nylon-Insulated Ring Terminals
More results


Similar Description - RD8

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
RD2 POWERINT-RD2 Datasheet
114Kb / 12P
85 to 132 VAC or 170 to 265 VAC Input, 8W(10W Peak) Output
RD5 POWERINT-RD5 Datasheet
122Kb / 12P
Reference Design Board 85 to 265 VAC Input, 20W (30W Peak) Output
RD6 POWERINT-RD6 Datasheet
162Kb / 12P
85 to 265 VAC Input, 15W Output USB Reference Design Board
RD7 POWERINT-RD7 Datasheet
134Kb / 12P
PC Standby Reference Design Board 90 to 375 VDC Input, 3.5 W Output
SMP212 POWERINT-SMP212 Datasheet
1Mb / 20P
PWM POWER SUPPLY IC 85-265 VAC INPUT ISOLATED, REGULATED DC OUTPUT
logo
STMicroelectronics
STEVAL-ISA009V1 STMICROELECTRONICS-STEVAL-ISA009V1 Datasheet
83Kb / 4P
VIPer53-E single output reference design board with 90 to 264 VAC input and 24 W output
28-Nov-2007
logo
Powerbox
PBKAM15 POWERBOX-PBKAM15 Datasheet
151Kb / 1P
Universal input 85 - 265 VAC
PBKAMN30 POWERBOX-PBKAMN30 Datasheet
163Kb / 1P
Universal input 85 - 265 VAC
PBKAMN40 POWERBOX-PBKAMN40 Datasheet
160Kb / 1P
Universal input 85 - 265 VAC
logo
Arch Electronics Corp.
AES60D_SERIES ARCH-AES60D_SERIES Datasheet
235Kb / 2P
Universal Input: 85-265 VAC
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com