Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RD7 Datasheet (PDF) - Power Integrations, Inc.

RD7 Datasheet PDF - Power Integrations, Inc.
Part # RD7
Download  RD7 Download
File Size   134.44 Kbytes
Page   12 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description PC Standby Reference Design Board 90 to 375 VDC Input, 3.5 W Output

RD7 Datasheet (PDF)

Go To PDF Page Download Datasheet
RD7 Datasheet PDF - Power Integrations, Inc.

Part # RD7
Download  RD7 Click to download

File Size   134.44 Kbytes
Page   12 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description PC Standby Reference Design Board 90 to 375 VDC Input, 3.5 W Output

RD7 Datasheet (HTML) - Power Integrations, Inc.


RD7 Product details

Description
The RD7 reference design board is an example of a very low cost production worthy DC input standby power supply design using the TOPSwitch-II family of Three-terminal Off-line PWM switchers. The reference design board is intended to help TOPSwitch-II users quickly develop their products. It provides a basic design that can be easily modified to fit a particular application.

Product Highlights
Low Cost Production Worthy Reference Design
• Up to 3.5 W of output power
• Meets Blue Angel requirements (5 W)
• Single sided board
• Low cost through-hole components
• Fully assembled and tested
• Easy to evaluate and modify
• Extensive performance data
• Light weight - no heat sink required for TOPSwitch-II
• Non-isolated +12 V output option

Fully Protected by TOPSwitch-II
• Primary safety current limit
• Output short circuit protection
• Thermal shutdown protects entire supply

Designed for World Wide Operation
• Designed for IEC/UL safety requirements
• Designed for wide range of input voltage

Typical Applications
• Desktop PC stand-by power supply (PS98, ATX, NLX,
   SFX, Micro ATX)
• Consumer stand-by supply (e.g. TV, VCR, DVD)




Similar Part No. - RD7

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RD7 ALPS-RD7 Datasheet
178Kb / 3P
Linear Type (Exclusively Used to Detect The Angle of Vehicle Head Lights)
logo
NEC
RD7.5E NEC-RD7.5E Datasheet
95Kb / 12P
500 mW DHD ZENER DIODE DO-35
logo
EIC discrete Semiconduc...
RD7.5E EIC-RD7.5E Datasheet
75Kb / 4P
SILICON ZENER DIODES
logo
New Jersey Semi-Conduct...
RD7.5E NJSEMI-RD7.5E Datasheet
346Kb / 5P
500 mW PLANAR TYPE SILICON ZENER DIODES
logo
NEC
RD7.5EAB NEC-RD7.5EAB Datasheet
81Kb / 8P
400 mW DHD ZENER DIODE DO-34
More results


Similar Description - RD7

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
RD5 POWERINT-RD5 Datasheet
122Kb / 12P
Reference Design Board 85 to 265 VAC Input, 20W (30W Peak) Output
RD6 POWERINT-RD6 Datasheet
162Kb / 12P
85 to 265 VAC Input, 15W Output USB Reference Design Board
RD8 POWERINT-RD8 Datasheet
133Kb / 12P
85 to 265 VAC Input, 3 W Output Reference Design Board
logo
Filtronic Compound Semi...
FRD3500X230 FILTRONIC-FRD3500X230 Datasheet
350Kb / 5P
3.5 GHZ WIMAX REFERENCE DESIGN (1 W)
logo
Power Integrations, Inc...
DI-17 POWERINT-DI-17 Datasheet
46Kb / 2P
17 W, PC Standby
logo
Lineage Power Corporati...
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
36 to 75 Vdc Input, 5 Vdc Output; 50 W
JBW050F1 LINEAGEPOWER-JBW050F1 Datasheet
349Kb / 16P
36 to 75 Vdc Input, 3.3 Vdc Output; 33 W
NH020 LINEAGEPOWER-NH020 Datasheet
1Mb / 17P
Power SIPs 5 Vdc Input; 1.5 Vdc to 3.3 Vdc Output; 20 W
logo
STMicroelectronics
STEVAL-ISA009V1 STMICROELECTRONICS-STEVAL-ISA009V1 Datasheet
83Kb / 4P
VIPer53-E single output reference design board with 90 to 264 VAC input and 24 W output
28-Nov-2007
logo
Texas Instruments
LM3407 TI1-LM3407_14 Datasheet
427Kb / 13P
Evaluation Board Reference Design
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com