Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-17 Datasheet (PDF) - Power Integrations, Inc.

DI-17 Datasheet PDF - Power Integrations, Inc.
Part # DI-17
Download  DI-17 Download
File Size   46.21 Kbytes
Page   2 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 17 W, PC Standby

DI-17 Datasheet (PDF)

Go To PDF Page Download Datasheet
DI-17 Datasheet PDF - Power Integrations, Inc.

Part # DI-17
Download  DI-17 Click to download

File Size   46.21 Kbytes
Page   2 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 17 W, PC Standby

DI-17 Datasheet (HTML) - Power Integrations, Inc.




Similar Part No. - DI-17

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-101 POWERINT-DI-101 Datasheet
240Kb / 2P
Under-Voltage with Wide Hysteresis
DI-102 POWERINT-DI-102 Datasheet
242Kb / 2P
Lowered Overvoltage for Power over Ethernet (PoE)
DI-116 POWERINT-DI-116 Datasheet
448Kb / 2P
28 W Multiple Output Supply with <50 mW o-Load Consumption
DI-117 POWERINT-DI-117 Datasheet
262Kb / 2P
15 W, 12 V Adapter with <100 mW No-Load Consumption
DI-118 POWERINT-DI-118 Datasheet
396Kb / 2P
4.5 W CV/CC Charger with <260 mW No-Load Consumption
More results


Similar Description - DI-17

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
RD7 POWERINT-RD7 Datasheet
134Kb / 12P
PC Standby Reference Design Board 90 to 375 VDC Input, 3.5 W Output
TNY268P POWERINT-TNY268P Datasheet
375Kb / 20P
15W PC Standby power supply
DER-114 POWERINT-DER-114 Datasheet
698Kb / 28P
21 W Standby Power Supply using TNY280P
logo
STMicroelectronics
TDA7265B STMICROELECTRONICS-TDA7265B Datasheet
814Kb / 18P
30 W 30 W stereo amplifier with mute and standby
19-Dec-2011
TDA7292 STMICROELECTRONICS-TDA7292 Datasheet
337Kb / 22P
40 W 40 W stereo amplifier with mute and standby
29-Feb-2012
logo
Bourns Electronic Solut...
PDB184 BOURNS-PDB184 Datasheet
270Kb / 2P
17 mm Rotary Potentiometer w/Rotary Switch
logo
Protech Systems Co., Lt...
PPC-7525 PROTECHSYSTEMS-PPC-7525 Datasheet
456Kb / 2P
Low Power Consumption 15"/ 17" Panel PC
PPC-7527 PROTECHSYSTEMS-PPC-7527 Datasheet
456Kb / 2P
Low Power Consumption 15"/ 17" Panel PC
logo
DFI Inc
TPC170 DFI-TPC170 Datasheet
3Mb / 4P
17 Heavy Industrial Touch Panel PC
logo
Lite-On Technology Corp...
PA-1181-10AC LITEON-PA-1181-10AC Datasheet
447Kb / 3P
PC Power Supply TFX Series 12V without Standby
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com