Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-17 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-17
Description  17 W, PC Standby
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-17 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-17 Datasheet HTML 1Page - Power Integrations, Inc. DI-17 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
A
11/02
DI-17
Table 1. Transformer Construction Information.
WORLD HEADQUARTERS
AMERICAS
Power Integrations, Inc.
San Jose, CA 95138 USA
Customer Service:
Phone:
+1 408-414-9665
Fax:
+1 408-414-9765
e-mail: usasales@powerint.com
CHINA
Power Integrations International
Holdings, Inc.
China
Phone:
+86-755-8367-5143
Fax:
+86-755-8377-9610
e-mail: chinasales@powerint.com
SINGAPORE
Power Integrations, Singapore
Republic of Singapore 308900
Phone:
+65-6358-2160
Fax:
+65-6358-2015
e-mail: singaporesales@powerint.com
JAPAN
Power Integrations, K.K.
Keihin-Tatemono 1st Bldg.
Japan
Phone:
+81-45-471-1021
Fax:
+81-45-471-3717
e-mail: japansales@powerint.com
EUROPE & AFRICA
Power Integrations (Europe) Ltd.
United Kingdom
Phone:
+44-1344-462-300
Fax:
+44-1344-311-732
e-mail: eurosales@powerint.com
KOREA
Power Integrations
International Holdings, Inc.
Seoul, Korea
Phone:
+82-2-782-2840
Fax:
+82-2-782-4427
e-mail: koreasales@powerint.com
TAIWAN
Power Integrations
International Holdings, Inc.
Taipei, Taiwan
Phone:
+886-2-2727-1221
Fax:
+886-2-2727-1223
e-mail: taiwansales@powerint.com
INDIA (Technical Support)
Innovatech
Bangalore, India
Phone:
+91-80-226-6023
Fax:
+91-80-228-9727
e-mail: indiasales@powerint.com
APPLICATIONS HOTLINE
APPLICATIONS FAX
World Wide +1-408-414-9660
World Wide +1-408-414-9760
higher efficiency than an RCD clamp, maximizing available
output power for the Blue Angel 5 W input power limit.
A secondary shunt regulator (U3) together with R6, R7, R9,
R10 and R11 are used to sense both the 3.3 V and 5 V outputs.
Control loop compensation is accomplished with capacitor
C7, R5 and C5. Resistor R6 sets the DC gain while R7
provides bias to the TL431 (U3). The values shown provided
satisfactory phase margin and bandwidth.
Key Design Points
• Decoupling capacitor (C1) should be used if the standby
supply is far from the main input bulk capacitor.
• The value of R1 is set according to the equation:
R1 = (V
UV - 2.5)/50 µA.
•Minimize secondary trace leakage inductance to improve
output cross regulation.
• Y1 capacitor (CY1) should be connected between secondary
return and primary positive DC rail to minimize potential
coupling into the TOPSwitch-GX SOURCE pin during
common mode line surge events.
• Connect bias winding return past SOURCE pin to route
common mode surge currents away from TOPSwitch-GX.
•A soft-finish capacitor (C8) eliminates output start-up
overshoot.
• Capacitor C2 should be located close to U1.
TRANSFORMER PARAMETERS
Core Material
EEL19 (Nippon Ceramic NC-2H)
A
LG = 720 nH/T
2
Bobbin
EEL19 8 pin
(TDK BE-9-118CPH or equivalent)
Winding Details
Primary: 147T x 34 AWG
Bias: 17T x 34 AWG
3.3 V: 4T x 3 x 27 AWG T.I.W.
5.0 V: 2T x 3 x 27 AWG T.I.W.
(T.I.W. = Triple Insulated Wire)
Inductance
Primary: 2.3 mH ±10%,
Leakage: 75 µH (maximum)
Primary Resonant Frequency
650 kHz (minimum)
Winding Order
(Pin Numbers)
Primary (1-2), tape,
3.3 V (7, 8-6), 5 V (5-7, 8), tape
Bias (3-4), tape
For the latest updates, visit our Web site: www.powerint.com
Power Integrations reserves the right to make changes to its products at any time to improve reliability or manufacturability.
Power Integrations does not assume any liability arising from the use of any device or circuit described herein, nor does it convey any
license under its patent rights or the rights of others. The products and applications illustrated herein (including circuits external to the
products and transformer construction) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign
patent applications assigned to Power Integrations. A complete list of Power Integrations’ patents may be found at www.powerint.com.
The PI Logo, TOPSwitch, TinySwitch, LinkSwitch and EcoSmart are registered trademarks of Power Integrations, Inc.
PI Expert is a trademark of Power Integrations, Inc. ©Copyright 2002, Power Integrations, Inc.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com