Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9434 Datasheet (PDF) - Analog Devices

AD9434 Datasheet PDF - Analog Devices
Part # AD9434
Download  AD9434 Download
File Size   1012.88 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit, 370 MSPS/500 MSPS, 1.8 V Analog-to-Digital Converter

AD9434 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9434 Datasheet PDF - Analog Devices

Part # AD9434
Download  AD9434 Click to download

File Size   1012.88 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit, 370 MSPS/500 MSPS, 1.8 V Analog-to-Digital Converter

AD9434 Datasheet (HTML) - Analog Devices


AD9434 Product details

GENERAL DESCRIPTION
The AD9434is a 12-bit monolithic sampling analog-to-digital converter (ADC) optimized for high performance, low power, and ease of use. The part operates at up to a 500 MSPS conversion rate and is optimized for outstanding dynamic performance in wideband carrier and broadband systems. All necessary functions, including a sample-and-hold and voltage reference, are included on the chip to provide a complete signal conversion solution. The VREF pin can be used to monitor the internal reference or provide an external voltage reference (external reference mode must be enabled through the SPI port).

FEATURES
   SNR = 65 dBFS at fIN up to 250 MHz at 500 MSPS
   ENOB of 10.5 bits at fIN up to 250 MHz at 500 MSPS (−1.0 dBFS)
   SFDR = 78 dBc at fIN up to 250 MHz at 500 MSPS (−1.0 dBFS)
   Integrated input buffer
   Excellent linearity
      DNL = ±0.5 LSB typical
      INL = ±0.6 LSB typical
   LVDS at 500 MSPS (ANSI-644 levels)
   1 GHz full power analog bandwidth
   On-chip reference, no external decoupling required
   Low power dissipation
      690 mW at 500 MSPS—LVDS SDR mode
      660 mW at 500 MSPS—LVDS DDR mode
   Programmable (nominal) input voltage range
      1.18 V p-p to 1.6 V p-p, 1.5 V p-p nominal
   1.8 V analog and digital supply operation
   Selectable output data format (offset binary, twos
      complement, Gray code)
   Clock duty cycle stabilizer
   Integrated data clock output with programmable clock and
      data alignment

APPLICATIONS
   Wireless and wired broadband communications
   Cable reverse path
   Communications test equipment
   Radar and satellite subsystems
   Power amplifier linearization




Similar Part No. - AD9434

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9434 AD-AD9434 Datasheet
921Kb / 29P
1.8 V Analog-to-Digital Converter
Rev. B
AD9434-370EBZ AD-AD9434-370EBZ Datasheet
921Kb / 29P
1.8 V Analog-to-Digital Converter
Rev. B
AD9434-500EBZ AD-AD9434-500EBZ Datasheet
921Kb / 29P
1.8 V Analog-to-Digital Converter
Rev. B
AD9434BCPZ-370 AD-AD9434BCPZ-370 Datasheet
921Kb / 29P
1.8 V Analog-to-Digital Converter
Rev. B
AD9434BCPZ-500 AD-AD9434BCPZ-500 Datasheet
921Kb / 29P
1.8 V Analog-to-Digital Converter
Rev. B
More results


Similar Description - AD9434

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
12-Bit, 500-MSPS Analog-to-Digital Converter
logo
Analog Devices
AD9233 AD-AD9233 Datasheet
1Mb / 44P
12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
8/06-Rev. 0 to Rev. A
AD9626 AD-AD9626 Datasheet
1Mb / 36P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
11/07-Revision 0
AD9629BCPZ-80 AD-AD9629BCPZ-80 Datasheet
984Kb / 32P
12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9629 AD-AD9629 Datasheet
984Kb / 32P
12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9626 AD-AD9626_15 Datasheet
1Mb / 36P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9629 AD-AD9629_17 Datasheet
906Kb / 33P
12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
Rev. B
AD9484 AD-AD9484_17 Datasheet
628Kb / 25P
8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com