Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9434 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9434
Description  12-Bit, 370 MSPS/500 MSPS, 1.8 V Analog-to-Digital Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9434 Datasheet(HTML) 3 Page - Analog Devices

  AD9434 Datasheet HTML 1Page - Analog Devices AD9434 Datasheet HTML 2Page - Analog Devices AD9434 Datasheet HTML 3Page - Analog Devices AD9434 Datasheet HTML 4Page - Analog Devices AD9434 Datasheet HTML 5Page - Analog Devices AD9434 Datasheet HTML 6Page - Analog Devices AD9434 Datasheet HTML 7Page - Analog Devices AD9434 Datasheet HTML 8Page - Analog Devices AD9434 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD9434
Rev. A | Page 3 of 28
SPECIFICATIONS
DC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, TMIN = −40°C, TMAX = +85°C, fIN = −1.0 dBFS, full scale = 1.5 V, unless otherwise noted.
Table
1.
AD9434-370
AD9434-500
Parameter1
Temp
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
12
12
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Guaranteed
Offset Error
25°C
±0.25
±0.25
mV
Full
−3.0
+1.0
−3.0
+1.0
mV
Gain Error
25°C
1.0
1.0
% FS
Full
−5.0
+7.0
−5.0
+7.0
% FS
Differential Nonlinearity (DNL)
25°C
±0.4
±0.5
LSB
Full
−0.9
+0.9
−0.95
+1.0
LSB
Integral Nonlinearity (INL)
25°C
±0.4
±0.6
LSB
Full
−0.92
+0.92
−1.3
+1.3
LSB
INTERNAL REFERENCE
VREF
Full
0.71
0.75
0.78
0.71
0.75
0.78
V
TEMPERATURE DRIFT
Offset Error
Full
18
18
μV/°C
Gain Error
Full
0.07
0.07
%/°C
ANALOG INPUTS (VIN+, VIN−)
Differential Input Voltage Range2
Full
1.18
1.5
1.6
1.18
1.5
1.6
V p-p
Input Common-Mode Voltage
Full
1.7
1.7
V
Input Resistance (Differential)
Full
1
1
kΩ
Input Capacitance (Differential)
25°C
1.3
1.3
pF
POWER SUPPLY
AVDD
Full
1.75
1.8
1.9
1.75
1.8
1.9
V
DRVDD
Full
1.75
1.8
1.9
1.75
1.8
1.9
V
Supply Currents
IAVDD3
Full
260
280
283
301
mA
IDRVDD3/SDR Mode4
Full
88
100
100
114
mA
IDRVDD3/DDR Mode5
Full
70
80
82
96
mA
Power Dissipation
SDR Mode4
Full
625
685
690
747
mW
DDR Mode5
Full
595
648
657
715
mW
Standby Mode
Full
40
50
40
50
mW
Power-Down Mode
Full
2.5
7
2.5
7
mW
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and how these tests were completed.
2 The input range is programmable through the SPI, and the range specified reflects the nominal values of each setting. See the Memory Map section.
3 IAVDD and IDRVDD are measured with a −1 dBFS, 30.3 MHz sine input at rated sample rate.
4 Single data rate mode; this is the default mode of the AD9434.
5 Double data rate mode; user-programmable feature. See the Memory Map section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com