Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9434 Datasheet(PDF) 26 Page - Analog Devices

Part # AD9434
Description  12-Bit, 370 MSPS/500 MSPS, 1.8 V Analog-to-Digital Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9434 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9434 Datasheet HTML 20Page - Analog Devices AD9434 Datasheet HTML 21Page - Analog Devices AD9434 Datasheet HTML 22Page - Analog Devices AD9434 Datasheet HTML 23Page - Analog Devices AD9434 Datasheet HTML 24Page - Analog Devices AD9434 Datasheet HTML 25Page - Analog Devices AD9434 Datasheet HTML 26Page - Analog Devices AD9434 Datasheet HTML 27Page - Analog Devices AD9434 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
AD9434
Rev. A | Page 26 of 28
Addr.
(Hex)
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Default Notes/
Comments
10
Offset
8-bit device offset adjustment [7:0]
0111 1111 = +127 codes
0000 0000 = 0 codes
1000 0000 = −128 codes
0x00
Device offset
trim: codes are
relative to the
output
resolution.
0D
TEST_IO
(For user-defined
mode only, set
Bits[3:0] = 1000)
00 = Pattern 1 only
01 = toggle P1/P2
10 = toggle
P1/0000
11 = toggle P1/P2/
0000
Reset
PN23
gen:
1 = on
0 = off
(default)
Reset
PN9
gen:
1 = on
0 = off
(default)
Output test mode:
0000 = off (default)
0001 = midscale short
0010 = +FS short
0011 = −FS short
0100 = checkerboard output
0101 = PN23 sequence
0110 = PN9
0111 = one/zero word toggle
1000 = user defined
1001 = unused
1010 = unused
1011 = unused
1100 = unused
(Format determined by OUTPUT_MODE)
0x00
When set, the
test data is
placed on the
output pins in
place of normal
data.
Set pattern
values:
P1 = Reg 0x19,
Reg 0x1A
P2 = Reg 0x1B,
Reg 0x1C.
0F
AIN_CONFIG
0
0
0
0
0
Analog
input
disable:
1 = on
0 = off
(default)
0
0
0x00
14
OUTPUT_MODE
0
0
0
Output
enable:
0 =
enable
(default)
1 =
disable
DDR:
1 =
enabled
0 =
disabled
(default)
Output
invert:
1 = on
0 = off
(default)
Data format select:
00 = offset binary
(default)
01 = twos
complement
10 = Gray code
0x00
15
OUTPUT_ADJUST
0
0
0
0
LVDS
course
adjust:
0 =
3.5 mA
(default)
1 =
2.0 mA
LVDS fine adjust:
001 = 3.50 mA
010 = 3.25 mA
011 = 3.00 mA
100 = 2.75 mA
101 = 2.50 mA
110 = 2.25 mA
111 = 2.00 mA
0x00
16
OUTPUT_PHASE
Output
clock
polarity
1 =
inverted
0 =
normal
(default)
0
0
0
0
0
0
0
0x00
17
FLEX_OUTPUT_DELAY
0
0
0
0
Output clock delay:
0000 = 0
0001 = −1/10
0010 = −2/10
0011 = −3/10
0100 = reserved
0101 = +5/10
0110 = +4/10
0111 = +3/10
1000 = +2/10
1001 = +1/10
0x00
Shown as
fractional value
of sampling
clock period
that is
subtracted or
added to initial
tSKEW, see
Figure 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com