Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9434 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9434
Description  12-Bit, 370 MSPS/500 MSPS, 1.8 V Analog-to-Digital Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9434 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9434 Datasheet HTML 14Page - Analog Devices AD9434 Datasheet HTML 15Page - Analog Devices AD9434 Datasheet HTML 16Page - Analog Devices AD9434 Datasheet HTML 17Page - Analog Devices AD9434 Datasheet HTML 18Page - Analog Devices AD9434 Datasheet HTML 19Page - Analog Devices AD9434 Datasheet HTML 20Page - Analog Devices AD9434 Datasheet HTML 21Page - Analog Devices AD9434 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD9434
Rev. A | Page 18 of 28
EQUIVALENT CIRCUITS
0.9V
15kΩ
15kΩ
CLK+
CLK–
AVDD
AVDD
AVDD
Figure 33. Clock Inputs
CML
VIN+
AVDD
VBOOST
AVDD
VIN+
AVDD
500Ω
500Ω
AIN+
AIN–
SPI
CONTROLLED
DC
Figure 34. Analog Input DC Equivalent Circuit (VCML = ~1.7 V)
SCLK/DFS
350Ω
30kΩ
DRVDD
DRVDD
Figure 35. Equivalent SCLK/DFS, PDWN Input Circuit
VIN+
VIN–
1.3pF
1000Ω
Figure 36. Analog Input AC Equivalent Circuit
CSB
350Ω
30kΩ
DRVDD
DRVDD
DRVDD
Figure 37. Equivalent CSB Input Circuit
DRVDD
D11+ TO D0+
V–
V+
D11– TO D0–
V+
V–
Figure 38. LVDS Outputs (Dx+, Dx−, OR+, OR−, DCO+, DCO−)
20kΩ
(11)
(01)
(00)
(10)
SPI CTRL VREF SELECT
00 = INTERNAL VREF
01 = IMPORT VREF
10 = EXPORT VREF
11 = NOT USED
NOT USED
VREF
AVDD
Figure 39. Equivalent VREF Input/Output Circuit
DRVDD
SDIO
30kΩ
350Ω
DRVDD
CTRL
Figure 40. Equivalent SDIO Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com