Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9434 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9434
Description  12-Bit, 370 MSPS/500 MSPS, 1.8 V Analog-to-Digital Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9434 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9434 Datasheet HTML 12Page - Analog Devices AD9434 Datasheet HTML 13Page - Analog Devices AD9434 Datasheet HTML 14Page - Analog Devices AD9434 Datasheet HTML 15Page - Analog Devices AD9434 Datasheet HTML 16Page - Analog Devices AD9434 Datasheet HTML 17Page - Analog Devices AD9434 Datasheet HTML 18Page - Analog Devices AD9434 Datasheet HTML 19Page - Analog Devices AD9434 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD9434
Rev. A | Page 16 of 28
0
0.5
1.0
1.5
2.0
2.5
N – 3
N – 2
N – 1
N
N + 1
N + 2
N + 3
MORE
BINS
1.17LSB rms
Figure 24. AD9434-370 Grounded Input Histogram; 370 MSPS
0
0.5
1.0
1.5
2.0
2.5
N – 3
N – 2
N – 1
N
N + 1
N + 2
N + 3
MORE
BINS
1.24LSB rms
Figure 25. AD9434-500 Grounded Input Histogram; 500 MSPS
–120
–100
–80
–60
–40
–20
0
050
100
150
FREQUENCY (MHz)
370MSPS
fIN1 = 119.5MHz AT –7.0dBFS
fIN2 = 122.5MHz AT –7.0dBFS
SFDR: 82dBc
Figure 26. AD9434-370 64k Point, Two-Tone FFT; 370 MSPS,
119.5 MHz, 122.5 MHZ
–120
–100
–80
–60
–40
–20
0
0
50
100
150
FREQUENCY (MHz)
200
250
500MSPS
fIN1 = 119.5MHz AT –7.0dBFS
fIN2 = 122.5MHz AT –7.0dBFS
SFDR: 86dBc
Figure 27. AD9434-500 64k Point, Two-Tone FFT; 500 MSPS, 119.2 MHz,
122.5 MHz
0
20
40
60
80
100
120
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
AMPLITUDE (dBFS)
IMD3 (dBFS)
SFDR (dBFS)
SFDR (dBc)
Figure 28. AD9434-370 Two-Tone SFDR vs. Input Amplitude; 370 MSPS,
119.5 MHz, 122.5 MHz
0
20
40
60
80
100
120
AMPLITUDE (dBFS)
IMD3 (dBFS)
SFDR (dBFS)
SFDR (dBc)
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
Figure 29. AD9434-500 Two-Tone SFDR vs. Input Amplitude; 500 MSPS,
119.5 MHz, 122.5 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com