Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9434 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9434
Description  12-Bit, 370 MSPS/500 MSPS, 1.8 V Analog-to-Digital Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9434 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9434 Datasheet HTML 9Page - Analog Devices AD9434 Datasheet HTML 10Page - Analog Devices AD9434 Datasheet HTML 11Page - Analog Devices AD9434 Datasheet HTML 12Page - Analog Devices AD9434 Datasheet HTML 13Page - Analog Devices AD9434 Datasheet HTML 14Page - Analog Devices AD9434 Datasheet HTML 15Page - Analog Devices AD9434 Datasheet HTML 16Page - Analog Devices AD9434 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD9434
Rev. A | Page 13 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = 1.8 V, DRVDD = 1.8 V, rated sample rate, TA = 25°C, 1.5 V p-p differential input, AIN = −1 dBFS, unless otherwise noted.
–120
–100
–80
–60
–40
–20
0
0
20
40
60
80
100
120
140
160
180
FREQUENCY (MHz)
370MSPS
30.3MHz AT –1.0dBFS
SNR: 65.4dB
ENOB: 10.7 BITS
SFDR: 90dBc
Figure 6. AD9434-370 64k Point Single-Tone FFT; 370 MSPS, 30.3 MHz
–120
–100
–80
–60
–40
–20
0
FREQUENCY (MHz)
370MSPS
100.3MHz AT –1.0dBFS
SNR: 65.3dB
ENOB: 10.7 BITS
SFDR: 83dBc
0
20
40
60
80
100
120
140
160
180
Figure 7. AD9434-370 64k Point Single-Tone FFT; 370 MSPS, 100.3 MHz
–120
–100
–80
–60
–40
–20
0
FREQUENCY (MHz)
370MSPS
140.3MHz AT –1.0dBFS
SNR: 65.2dB
ENOB: 10.7 BITS
SFDR: 85dBc
0
20
40
60
80
100
120
140
160
180
Figure 8. AD9434-370 64k Point Single-Tone FFT; 370 MSPS, 140.3 MHz
–120
–100
–80
–60
–40
–20
0
0
20
40
60
80 100 120 140 160 180
FREQUENCY (MHz)
500MSPS
30.3MHz AT –1.0dBFS
SNR: 65.0dB
ENOB: 10.7 BITS
200 220 240
SFDR: 85dBc
Figure 9. AD9434-500 64k Point Single-Tone FFT; 500 MSPS, 30.3 MHz
–120
–100
–80
–60
–40
–20
0
0
20
40
60
80 100 120 140 160 180
500MSPS
100.3MHz AT –1.0dBFS
SNR: 64.9dB
ENOB: 10.6 BITS
SFDR: 84dBc
200 220 240
FREQUENCY (MHz)
Figure 10. AD9434-500 64k Point Single-Tone FFT; 500 MSPS, 100.3 MHz
–120
–100
–80
–60
–40
–20
0
0
20
40
60
80 100 120 140 160 180
FREQUENCY (MHz)
500MSPS
140.3MHz AT –1.0dBFS
SNR: 64.8dB
ENOB: 10.6 BITS
SFDR: 79dBc
200 220 240
Figure 11. AD9434-500 64k Point Single-Tone FFT; 500 MSPS, 140.3 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com