Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP197 Datasheet (PDF) - Analog Devices

ADP197 Datasheet PDF - Analog Devices
Part # ADP197
Download  ADP197 Download
File Size   269.25 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 V, 3 A Logic Controlled High-Side Power Switch Mobile phones

ADP197 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP197 Datasheet PDF - Analog Devices

Part # ADP197
Download  ADP197 Click to download

File Size   269.25 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 V, 3 A Logic Controlled High-Side Power Switch Mobile phones

ADP197 Datasheet (HTML) - Analog Devices


ADP197 Product details

GENERAL DESCRIPTION
The ADP197 is a high-side load switch designed for operation between 1.8 V and 5.5 V. This load switch provides power domain isolation, which helps extend battery operation. The device contains a low on-resistance, N-channel MOSFET that supports more than 3 A of continuous current and minimizes power loss. The low 18 μA quiescent current and ultralow shutdown current make the ADP197 ideal for battery-operated portable equipment. The built-in level shifter for enable logic makes the ADP197 compatible with many processors and GPIO controllers.

FEATURES
    Low RDSON of 12 mΩ
    Low input voltage range: 1.8 V to 5.5 V
    Quick output discharge (QOD) circuit (ADP197-02)
    3 A continuous operating current at 70°C
    1.2 V logic-compatible enable input
    Low 18 μA quiescent current, VIN < 3 V
    Low 31 μA quiescent current, VIN = 4.2 V
    Overtemperature protection
    Ultralow shutdown current: <1 μA
    Ultrasmall 1.0 mm × 1.5 mm, 0.5 mm pitch, 6-ball WLCSP
    Tiny 2.0 mm × 2.0 mm × 0.55 mm, 0.65 mm pitch, 6-lead LFCSP

APPLICATIONS
    Mobile phones
    Digital cameras and audio devices
    Portable and battery-powered equipment




Similar Part No. - ADP197

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP197 AD-ADP197 Datasheet
277Kb / 13P
5 V, 3 A Logic Controlled High-Side Power Switch
Rev. C
ADP1972 AD-ADP1972 Datasheet
415Kb / 18P
Buck or Boost, PWM Controller for Battery Test Solutions
11/14-Rev. A to Rev. B
ADP1972-EVALZ AD-ADP1972-EVALZ Datasheet
415Kb / 18P
Buck or Boost, PWM Controller for Battery Test Solutions
11/14-Rev. A to Rev. B
ADP1972ARUZ-R7 AD-ADP1972ARUZ-R7 Datasheet
415Kb / 18P
Buck or Boost, PWM Controller for Battery Test Solutions
11/14-Rev. A to Rev. B
ADP1972ARUZ-RL AD-ADP1972ARUZ-RL Datasheet
415Kb / 18P
Buck or Boost, PWM Controller for Battery Test Solutions
11/14-Rev. A to Rev. B
More results


Similar Description - ADP197

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3P191 NXP-NX3P191 Datasheet
1Mb / 15P
Logic controlled high-side power switch
Rev. 2-4 November 2011
logo
Analog Devices
ADP196 AD-ADP196 Datasheet
387Kb / 12P
5 V, 3 A, Logic Controlled High-Side Power Switch
REV. 0
ADP196 AD-ADP196 Datasheet
402Kb / 13P
5 V, 3 A, Logic Controlled High-Side Power Switch
REV. 0
ADP1196 AD-ADP1196 Datasheet
417Kb / 12P
5 V, 3 A Logic Controlled High-Side or Low-Side Load Switch
REV. 0
logo
NXP Semiconductors
NX3P190 PHILIPS-NX3P190_15 Datasheet
990Kb / 14P
Logic controlled high-side power switch
Rev. 5-14 January 2014
NX5P2924C PHILIPS-NX5P2924C Datasheet
465Kb / 20P
Logic controlled high-side power switch
Rev. 1-7 July 2015
logo
Analog Devices
ADP1290 AD-ADP1290 Datasheet
414Kb / 12P
12 V, 2 A Logic Controlled High-Side Power Switch
REV. 0
logo
NXP Semiconductors
NX5P1100 NXP-NX5P1100 Datasheet
672Kb / 20P
Logic controlled high-side power switch
Rev. 1 ??21 March 2014
NX5P2924 NXP-NX5P2924 Datasheet
305Kb / 17P
Logic controlled high-side power switch
Rev. 1 ??24 February 2014
NX5P2924D NXP-NX5P2924D Datasheet
506Kb / 23P
Logic controlled high-side power switch
Rev. 1.0 ??21 June 2022
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com