Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1196 Datasheet (PDF) - Analog Devices

ADP1196 Datasheet PDF - Analog Devices
Part # ADP1196
Download  ADP1196 Download
File Size   417.86 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 V, 3 A Logic Controlled High-Side or Low-Side Load Switch

ADP1196 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP1196 Datasheet PDF - Analog Devices

Part # ADP1196
Download  ADP1196 Click to download

File Size   417.86 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 V, 3 A Logic Controlled High-Side or Low-Side Load Switch

ADP1196 Datasheet (HTML) - Analog Devices


ADP1196 Product details

GENERAL DESCRIPTION
The ADP1196 is a high-side or low-side load switch designed for VIN operation between 0 V and 5.5 V with a VB_EN supply of 1.83 V to 5.5 V. The device contains an internal charge pump that operates from either VIN or VB_EN, whichever is higher, and an ultralow on resistance, N-channel MOSFET. This N-channel MOSFET supports more than 2 A of continuous current at VIN close to 0 V, and, with its ultralow on resistance, minimizes power loss. In addition, the on resistance is constant, independent of the VIN or VB_EN voltage. The low 26 µA quiescent current and ultralow shutdown current make the ADP1196 ideal for low power applications.

FEATURES
    Low RDSON of 10 mΩ in 6-ball WLCSP
    Wide input voltage range: 0 V to 5.5 V
    3 A continuous operating current at 70°C
    Bias supply voltage range: 1.83 V to 5.5 V
    Low 26 µA ground (quiescent) current, VIN ≤ 3.4 V
    Low 50 µA quiescent current, VIN = 5.5 V
    Overtemperature protection circuitry
    Low shutdown current: <3.5 µA
    Ultrasmall 1.0 mm × 1.5 mm, 6-ball, 0.5 mm pitch WLCSP

APPLICATIONS
    Communications and infrastructure
        Thermoelectric cooler (TEC) controller reverse polarity for heating and cooling
        Fine line geometry core voltage inrush current control
    Medical and healthcare
    Instrumentation




Similar Part No. - ADP1196

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1190 AD-ADP1190 Datasheet
329Kb / 12P
Integrated 500 mA Load Switch with Quad Signal Switch
REV. 0
ADP1190A AD-ADP1190A Datasheet
290Kb / 12P
Integrated 500 mA Load Switch with Quad Signal Switch
9/13-Revision 0
ADP1190AACBZ-R7 AD-ADP1190AACBZ-R7 Datasheet
290Kb / 12P
Integrated 500 mA Load Switch with Quad Signal Switch
9/13-Revision 0
ADP1190ACBZ-R7 AD-ADP1190ACBZ-R7 Datasheet
329Kb / 12P
Integrated 500 mA Load Switch with Quad Signal Switch
REV. 0
logo
List of Unclassifed Man...
ADP1191 ETC-ADP1191 Datasheet
72Kb / 4P
PRECISION SEMICONDUCTOR PRESSURE SENSOR
More results


Similar Description - ADP1196

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP197 AD-ADP197 Datasheet
269Kb / 16P
5 V, 3 A Logic Controlled High-Side Power Switch Mobile phones
REV. 0
ADP198 AD-ADP198 Datasheet
419Kb / 16P
Logic Controlled, 1 A, High-Side Load
REV. D
ADP196 AD-ADP196 Datasheet
387Kb / 12P
5 V, 3 A, Logic Controlled High-Side Power Switch
REV. 0
ADP196 AD-ADP196 Datasheet
402Kb / 13P
5 V, 3 A, Logic Controlled High-Side Power Switch
REV. 0
logo
NXP Semiconductors
NX3P190 PHILIPS-NX3P190_15 Datasheet
990Kb / 14P
Logic controlled high-side power switch
Rev. 5-14 January 2014
NX5P2924C PHILIPS-NX5P2924C Datasheet
465Kb / 20P
Logic controlled high-side power switch
Rev. 1-7 July 2015
logo
Analog Devices
ADP1290 AD-ADP1290 Datasheet
414Kb / 12P
12 V, 2 A Logic Controlled High-Side Power Switch
REV. 0
logo
NXP Semiconductors
NX5P1100 NXP-NX5P1100 Datasheet
672Kb / 20P
Logic controlled high-side power switch
Rev. 1 ??21 March 2014
NX5P2924 NXP-NX5P2924 Datasheet
305Kb / 17P
Logic controlled high-side power switch
Rev. 1 ??24 February 2014
NX5P2924D NXP-NX5P2924D Datasheet
506Kb / 23P
Logic controlled high-side power switch
Rev. 1.0 ??21 June 2022
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com