Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSV64 Datasheet (PDF) - Seme LAB

BSV64 Datasheet PDF - Seme LAB
Part # BSV64
Download  BSV64 Download
File Size   15.52 Kbytes
Page   2 Pages
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB
Description SILICON NPN PLANAR TRANSISTOR

BSV64 Datasheet (PDF)

Go To PDF Page Download Datasheet
BSV64 Datasheet PDF - Seme LAB

Part # BSV64
Download  BSV64 Click to download

File Size   15.52 Kbytes
Page   2 Pages
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB
Description SILICON NPN PLANAR TRANSISTOR

BSV64 Datasheet (HTML) - Seme LAB


BSV64 Product details

DESCRIPTION
General Purpose NPN Transistor in a Hermetic TO39 Package

FEATURES
• VCBO = 100V
• VCEO = 60V
• IC = 2A




Similar Part No. - BSV64

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BSV64 CENTRAL-BSV64 Datasheet
56Kb / 1P
Small Signal Transistors
logo
Seme LAB
BSV64 SEME-LAB-BSV64 Datasheet
41Kb / 2P
SILICON NPN PLANAR TRANSISTOR
logo
New Jersey Semi-Conduct...
BSV64 NJSEMI-BSV64 Datasheet
120Kb / 2P
SILICON NPN PLANAR TRANSISTOR
logo
Seme LAB
BSV64 SEME-LAB-BSV64_02 Datasheet
41Kb / 2P
SILICON NPN PLANAR TRANSISTOR
More results


Similar Description - BSV64

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
2N3019 SIEMENS-2N3019 Datasheet
135Kb / 5P
NPN SILICON PLANAR TRANSISTOR
BD524 SIEMENS-BD524 Datasheet
40Kb / 2P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
FJN13003 FAIRCHILD-FJN13003 Datasheet
49Kb / 5P
NPN Silicon Transistor Planar Silicon Transistor
logo
Continental Device Indi...
2N917 CDIL-2N917 Datasheet
136Kb / 4P
NPN SILICON PLANAR TRANSISTOR
BF370R CDIL-BF370R Datasheet
106Kb / 3P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
KSC5402D FAIRCHILD-KSC5402D_09 Datasheet
225Kb / 10P
NPN Silicon Transistor, Planar Silicon Transistor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
logo
Continental Device Indi...
2N2270 CDIL-2N2270 Datasheet
230Kb / 4P
NPN SILICON PLANAR TRANSISTOR
2N2102 CDIL-2N2102 Datasheet
233Kb / 4P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
KSC5603DTU FAIRCHILD-KSC5603DTU Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com