Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSV64 Datasheet(PDF) 2 Page - Seme LAB

Part # BSV64
Description  SILICON NPN PLANAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BSV64 Datasheet(HTML) 2 Page - Seme LAB

  BSV64 Datasheet HTML 1Page - Seme LAB BSV64 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max. Unit
Prelim.12/99
BSV64
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
IC = 5A
IB = 5A
IC = 5A
IB = 5A
VCB = 60V
IE = 0
VEB = 4V
IC = 0
VCE = - 5V
IC = 2A
IE = Ie = 0VCB =10V
IC = 0.5A
VCE =5V
ICon = 5A; IBon = -IBoff = 0.5A
-VBEoff = 2V
VCEsat
Collector – Base Saturation Voltage
VBEsat
Emitter – Base Saturation Voltage
ICBO
Collector Cut-off Current
IEBO
Emitter Cut-off Current
hFE
DC Current Gain
cc
Collector Capacitance at f = 1MHz
fT
Transistion Frequency at f = 35MHz
ton
Turn on Time
toff
Turn off time
1
1.8
10
10
40
80
100
0.6
1.2
V
mA
—
pF
MHz
ms



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com