Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPI65R660CFD Datasheet (PDF) - Infineon Technologies AG

IPI65R660CFD Datasheet PDF - Infineon Technologies AG
Part # IPI65R660CFD
Download  IPI65R660CFD Download
File Size   3951.5 Kbytes
Page   20 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 650V CoolMOS CFD Power Transistor

IPI65R660CFD Datasheet (PDF)

Go To PDF Page Download Datasheet
IPI65R660CFD Datasheet PDF - Infineon Technologies AG

Part # IPI65R660CFD
Download  IPI65R660CFD Click to download

File Size   3951.5 Kbytes
Page   20 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 650V CoolMOS CFD Power Transistor

IPI65R660CFD Datasheet (HTML) - Infineon Technologies AG


IPI65R660CFD Product details

Description
CoolMOS™ is a revolutionary technology for high voltage powerMOSFETs, designed according to the superjunction (SJ) principle and pioneered by Infineon Technologies. 650V CoolMOS™ CFD2 series combines the experience of the leading SJ MOSFET supplier with high class innovation. The resulting devices provide all benefits of a fast switching SJ MOSFET while offering an extremely fast and robust body diode. This combination of extremely low switching, commutation and conduction losses together with highest robustness make especially resonant switching applications more reliable, more efficient, lighter, and cooler

Features
• Ultra-fast body diode
• Very high commutation ruggedness
• Extremely low losses due to very low FOM Rdson*Qg and Eoss
• Easy to use/drive
​​​​​​​• Qualified for industrial grade applications according to JEDEC 
   (J-STD20 and JESD22)
• Pb-free plating, Halogen free mold compound

Applications
  650V CoolMOS™ CFD2 is especially suitable for resonant switching PWM
  stages for e.g. PC Silverbox, LCD TV, Lighting, Server, Telecom, and Solar.




Similar Part No. - IPI65R660CFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPI65R660CFD INFINEON-IPI65R660CFD Datasheet
4Mb / 21P
Metal Oxide Semiconductor Field Effect Transistor
2011-09-27 revision:2.5
logo
Inchange Semiconductor ...
IPI65R660CFD ISC-IPI65R660CFD Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - IPI65R660CFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA65R420CFD INFINEON-IPA65R420CFD Datasheet
7Mb / 21P
650V CoolMOS C6 CFD Power Transistor
2011-04-26 revision:2.0
IPB65R310CFD INFINEON-IPB65R310CFD Datasheet
6Mb / 20P
650V CoolMOS C6 CFD Power Transistor
2011-04-26 revision:2.0
IPB65R380C6 INFINEON-IPB65R380C6 Datasheet
2Mb / 19P
650V CoolMOS C6 Power Transistor
2010-10-22 revision:2.0
IPW65R080CFD INFINEON-IPW65R080CFD Datasheet
1Mb / 12P
650V CoolMOS CFD Power Transistor
Rev. 2.0, 2011-02-02
IPX65R310CFD INFINEON-IPX65R310CFD Datasheet
6Mb / 20P
650V CoolMOS C6 CFD Power Transistor
2011-04-26 revision:2.0
IPP65R045C7 INFINEON-IPP65R045C7 Datasheet
1Mb / 15P
650V CoolMOS??C7 Power Transistor
Rev.2.0,2013-04-18
IPW65R019C7 INFINEON-IPW65R019C7 Datasheet
1Mb / 15P
650V CoolMOS??C7 Power Transistor
Rev.2.1
IPZ65R019C7 INFINEON-IPZ65R019C7 Datasheet
1Mb / 15P
650V CoolMOS??C7 Power Transistor
Rev.2.0
IPA65R190CFDXKSA1 INFINEON-IPA65R190CFDXKSA1 Datasheet
6Mb / 20P
650V CoolMOS C6 CFD POWER Transistor
2011-05-05 revision:2.2
IPA65R1K0CE INFINEON-IPA65R1K0CE Datasheet
996Kb / 15P
650V CoolMOS??CE Power Transistor
Rev.2.0,2016-02-19
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com