Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4279 Datasheet (PDF) - Infineon Technologies AG

TLE4279 Datasheet PDF - Infineon Technologies AG
Part # TLE4279
Download  TLE4279 Download
File Size   267.4 Kbytes
Page   18 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 5-V Low Drop Fixed Voltage Regulator

TLE4279 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE4279 Datasheet PDF - Infineon Technologies AG

Part # TLE4279
Download  TLE4279 Click to download

File Size   267.4 Kbytes
Page   18 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 5-V Low Drop Fixed Voltage Regulator

TLE4279 Datasheet (HTML) - Infineon Technologies AG


TLE4279 Product details

Description
The OPTIREG™ Linear TLE4279 is an automotive voltage regulator with a 5 V fixed output, in a PG-DSO-8 or PG-DSO-14 package. The maximum operating voltage is 45 V. The output is able to drive 150 mA load. The device features short-circuit protection. The thermal shutdown feature switches the output off when the junction temperature exceeds 150°C to ensure the device is not damaged by overheating. A reset signal is generated when the output voltage drops below VQ < 4.65 V. The reset threshold voltage can be decreased by an external connection of a voltage divider. The reset delay time can be set by an external capacitor. If the application requires pull-up resistors at the logic outputs (Reset, Sense Out) the TLE4269 with integrated resistors can be used. It is also possible to supervise the input voltage by using an integrated comparator to give a low voltage warning.

Features
• Output voltage tolerance ≤ ±2%
• 150 mA current capability
• Very low current consumption
• Early warning
• Reset output low down to VQ = 1 V
• Overtemperature protection
• Reverse polarity proof
• Adjustable reset threshold
• Very low-drop voltage
• Wide temperature range
• Green Product (RoHS compliant)

Potential applications
    General automotive applications.




Similar Part No. - TLE4279

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE42794 INFINEON-TLE42794 Datasheet
548Kb / 28P
Low Dropout Fixed Voltage Regulator
Rev. 1.1, October 2008
TLE42794E INFINEON-TLE42794E Datasheet
548Kb / 28P
Low Dropout Fixed Voltage Regulator
Rev. 1.1, October 2008
TLE42794E INFINEON-TLE42794E Datasheet
1Mb / 32P
Very low Current Consumption
TLE42794G INFINEON-TLE42794G Datasheet
548Kb / 28P
Low Dropout Fixed Voltage Regulator
Rev. 1.1, October 2008
More results


Similar Description - TLE4279

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4264 INFINEON-TLE4264 Datasheet
83Kb / 10P
5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.1 2000-10-10
logo
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
5-V Low-Drop Fixed-Voltage Regulator
ILE4268 IKSEMICON-ILE4268 Datasheet
228Kb / 8P
5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
IK Semicon Co., Ltd
ILE4268 IKSEMICON-ILE4268_11 Datasheet
153Kb / 8P
5-V Low-Drop Fixed Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
5-V LOW-DROP FIXED VOLTAGE REGULATOR
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com