Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D1201UK Datasheet (PDF) - Seme LAB

D1201UK Datasheet PDF - Seme LAB
Part # D1201UK
Download  D1201UK Download
File Size   15.48 Kbytes
Page   2 Pages
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB
Description METAL GATE RF SILICON FET

D1201UK Datasheet (PDF)

Go To PDF Page Download Datasheet
D1201UK Datasheet PDF - Seme LAB

Part # D1201UK
Download  D1201UK Click to download

File Size   15.48 Kbytes
Page   2 Pages
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB
Description METAL GATE RF SILICON FET

D1201UK Datasheet (HTML) - Seme LAB


D1201UK Product details

GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 10W – 12.5V – 500MHz SINGLE ENDED

FEATURES
• SIMPLIFIED AMPLIFIER DESIGN
• SUITABLE FOR BROAD BAND APPLICATIONS
• LOW Crss
• USEFUL PO AT 1GHz
• LOW NOISE
• HIGH GAIN – 10 dB MINIMUM

APPLICATIONS
• HF/VHF/UHF COMMUNICATIONS from 1 MHz to 1 GHz




Similar Part No. - D1201UK

ManufacturerPart #DatasheetDescription
logo
Rohm
D1200 ROHM-D1200 Datasheet
42Kb / 1P
MEDIUM POWER TRANSISTOR
logo
Nell Semiconductor Co.,...
D12000W NELLSEMI-D12000W Datasheet
3Mb / 3P
Low power dissipation
D1200C NELLSEMI-D1200C Datasheet
227Kb / 5P
Standard Recovery Diodes
D1200D NELLSEMI-D1200D Datasheet
648Kb / 5P
Standard Recovery Diodes
D1200D24 NELLSEMI-D1200D24 Datasheet
648Kb / 5P
Standard Recovery Diodes
More results


Similar Description - D1201UK

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D1004UK SEME-LAB-D1004UK Datasheet
35Kb / 4P
METAL GATE RF SILICON FET
D1011UK SEME-LAB-D1011UK Datasheet
16Kb / 2P
METAL GATE RF SILICON FET
D1015UK SEME-LAB-D1015UK Datasheet
60Kb / 4P
METAL GATE RF SILICON FET
D1016UK SEME-LAB-D1016UK Datasheet
49Kb / 4P
METAL GATE RF SILICON FET
D1017UK SEME-LAB-D1017UK Datasheet
223Kb / 5P
METAL GATE RF SILICON FET
D1031UK SEME-LAB-D1031UK Datasheet
15Kb / 2P
METAL GATE RF SILICON FET
D1082UK SEME-LAB-D1082UK Datasheet
20Kb / 2P
METAL GATE RF SILICON FET
D1084UK SEME-LAB-D1084UK Datasheet
19Kb / 2P
METAL GATE RF SILICON FET
D1211UK SEME-LAB-D1211UK Datasheet
16Kb / 2P
METAL GATE RF SILICON FET
D5012UK SEME-LAB-D5012UK Datasheet
31Kb / 2P
METAL GATE RF SILICON FET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com