Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

369AD-01 Datasheet (PDF) - ON Semiconductor

369AD-01 Datasheet PDF - ON Semiconductor
Part # 369AD-01
Download  369AD-01 Download
File Size   67.46 Kbytes
Page   2 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3.5 MM IPAK, STRAIGHT LEAD

369AD-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
369AD-01 Datasheet PDF - ON Semiconductor

Part # 369AD-01
Download  369AD-01 Click to download

File Size   67.46 Kbytes
Page   2 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3.5 MM IPAK, STRAIGHT LEAD

369AD-01 Datasheet (HTML) - ON Semiconductor




Similar Part No. - 369AD-01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
369A-13 ONSEMI-369A-13 Datasheet
21Kb / 1P
MECHANICAL CASE OUTLINE PACKAGE DIMENSIONS
August, 2001 ??Rev. 13AB
369AA-01 ONSEMI-369AA-01 Datasheet
118Kb / 6P
Power MOSFET 30V, 7 m, 89A, Single N?묬hannel SO8FL
December, 2010 ??Rev. 0
More results


Similar Description - 369AD-01

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
KW1305A STANLEY-KW1305A Datasheet
295Kb / 13P
3.5 x 3.5 mm (h=1.6 mm) Type White LED
SW1305A STANLEY-SW1305A Datasheet
311Kb / 14P
3.5 x 3.5 mm (h=1.6 mm) Type White LED
logo
CUI INC
SJ1-351X CUI-SJ1-351X Datasheet
240Kb / 3P
3.5 mm Audio Jacks
SJ1-351X-SMT CUI-SJ1-351X-SMT Datasheet
231Kb / 4P
3.5 MM AUDIO JACKS
SJ1-353X CUI-SJ1-353X Datasheet
158Kb / 3P
3.5 MM AUDIO JACKS
SJ1-353XNS CUI-SJ1-353XNS Datasheet
223Kb / 3P
3.5 MM AUDIO JACKS
SJ1-355XNG CUI-SJ1-355XNG Datasheet
143Kb / 3P
3.5 MM AUDIO JACKS
SP-35401 CUI-SP-35401 Datasheet
143Kb / 2P
3.5 mm STEREO PLUG
SJ-4351X-SMT CUI-SJ-4351X-SMT_18 Datasheet
487Kb / 4P
3.5 MM AUDIO JACKS
SJ1-352XN CUI-SJ1-352XN_17 Datasheet
220Kb / 3P
3.5 MM AUDIO JACKS
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com