Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCX54 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

BCX54 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # BCX54
Download  BCX54 Download
File Size   1207.88 Kbytes
Page   1 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Plastic-Encapsulate Transistors

BCX54 Datasheet (PDF)

Go To PDF Page Download Datasheet
BCX54 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # BCX54
Download  BCX54 Click to download

File Size   1207.88 Kbytes
Page   1 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Plastic-Encapsulate Transistors

BCX54 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


BCX54 Product details

Features
   Power dissipation
      PCM: 0.5 W (Tamb=25°C)
   Collector current
      ICM: 1 A
   Collector-base voltage
      V(BR)CBO: 45 V
   Operating and storage junction temperature range
      TJ, Tstg: -55°C to +150°C






Similar Part No. - BCX54

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX54 PHILIPS-BCX54 Datasheet
42Kb / 8P
NPN medium power transistors
Rev. 07 - 4 June 2007
logo
Siemens Semiconductor G...
BCX54 SIEMENS-BCX54 Datasheet
146Kb / 5P
NPN Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Central Semiconductor C...
BCX54 CENTRAL-BCX54 Datasheet
103Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTOR
logo
Infineon Technologies A...
BCX54 INFINEON-BCX54 Datasheet
48Kb / 5P
NPN Silicon AF Transistors
Jul-10-2001
logo
Zetex Semiconductors
BCX54 ZETEX-BCX54 Datasheet
17Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
More results


Similar Description - BCX54

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
PLASTIC ENCAPSULATE TRANSISTORS
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401 Datasheet
116Kb / 3P
Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
BCX51 SECOS-BCX51 Datasheet
1Mb / 1P
Plastic-Encapsulate Transistors
D882 SECOS-D882 Datasheet
277Kb / 2P
Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401_11 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistors
logo
MAKO SEMICONDUCTOR CO.,...
2SC945 MAKOSEMI-2SC945 Datasheet
99Kb / 2P
Plastic-Encapsulate Transistors
KTC3875 MAKOSEMI-KTC3875 Datasheet
88Kb / 2P
Plastic-Encapsulate Transistors
logo
Nanjing International G...
KTA1275 DGNJDZ-KTA1275 Datasheet
149Kb / 1P
Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD2142 JIANGSU-2SD2142 Datasheet
271Kb / 1P
Plastic-Encapsulate Transistors
BC516 JIANGSU-BC516 Datasheet
401Kb / 3P
Plastic-Encapsulate Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com