Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCX54 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BCX54
Description  Plastic-Encapsulate Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BCX54 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BCX54 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BCX54
NPN
Transistors
Plastic-Encapsulate Transistors
RoHS Compliant Product
Elektronische Bauelemente
1.BASE
2.COLLECTOR
3.EMITTER
1
2
3
Features
Any changing of specification will not be informed individual
http://www.SeCoSGmbH.com
01-Jun-2002 Rev. A
Page 1 of 1
4.4~4.6
1.4~1.8
0.35~0.44
1.4~1.6
0.32~0.52
0.36~0.56
1.5Ref.
2.9~3.1
Dimensision in Millimeter
SOT-89
C
o
Power dissipation
PCM:
0.5
W (Tamb=25 )
Collector current
ICM:
1
A
Collector-base voltage
V(BR)CBO:
45
V
Operating and storage junction temperature range
TJ, Tstg: -55 to +150
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=100µA , IE=0
45
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= 1mA , IB=0
45
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10µA, IC=0
5
V
Collector cut-off current
ICBO
VCB=30V, IE=0
0.1
µA
Emitter cut-off current
IEBO
VEB=5V, IC=0
0.1
µA
hFE (1)
VCE=2V, IC= 150mA
63
63
100
250
160
250
hFE(2)
VCE=2V, IC= 5mA
40
DC current gain
BCX54
BCX54-10
BCX54-16
hFE(3)
VCE=2V, IC= 500mA
25
Collector-emitter saturation voltage
VCE(sat)
IC=500 mA, IB= 50mA
0.5
V
Base-emitter
voltage
VBE(ON)
IC= 500 mA, VCE=2V
1
V
Transition frequency
f T
VCE= 10V, IC= 50mA
f = 100MHz
130
MHz
DEVICE MARKING
BCX54=BA
BCX54-10=BC
BCX54-16=BD
C
o
C
o
C
o


Similar Part No. - BCX54

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX54 PHILIPS-BCX54 Datasheet
42Kb / 8P
NPN medium power transistors
Rev. 07 - 4 June 2007
logo
Siemens Semiconductor G...
BCX54 SIEMENS-BCX54 Datasheet
146Kb / 5P
NPN Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Central Semiconductor C...
BCX54 CENTRAL-BCX54 Datasheet
103Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTOR
logo
Infineon Technologies A...
BCX54 INFINEON-BCX54 Datasheet
48Kb / 5P
NPN Silicon AF Transistors
Jul-10-2001
logo
Zetex Semiconductors
BCX54 ZETEX-BCX54 Datasheet
17Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
More results

Similar Description - BCX54

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
PLASTIC ENCAPSULATE TRANSISTORS
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401 Datasheet
116Kb / 3P
Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
BCX51 SECOS-BCX51 Datasheet
1Mb / 1P
Plastic-Encapsulate Transistors
D882 SECOS-D882 Datasheet
277Kb / 2P
Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401_11 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistors
logo
MAKO SEMICONDUCTOR CO.,...
2SC945 MAKOSEMI-2SC945 Datasheet
99Kb / 2P
Plastic-Encapsulate Transistors
KTC3875 MAKOSEMI-KTC3875 Datasheet
88Kb / 2P
Plastic-Encapsulate Transistors
logo
Nanjing International G...
KTA1275 DGNJDZ-KTA1275 Datasheet
149Kb / 1P
Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD2142 JIANGSU-2SD2142 Datasheet
271Kb / 1P
Plastic-Encapsulate Transistors
BC516 JIANGSU-BC516 Datasheet
401Kb / 3P
Plastic-Encapsulate Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com