Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2053UK Datasheet (PDF) - Seme LAB

D2053UK Datasheet PDF - Seme LAB
Part # D2053UK
Download  D2053UK Download
File Size   20.24 Kbytes
Page   2 Pages
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB
Description METAL GATE RF SILICON FET

D2053UK Datasheet (PDF)

Go To PDF Page Download Datasheet
D2053UK Datasheet PDF - Seme LAB

Part # D2053UK
Download  D2053UK Click to download

File Size   20.24 Kbytes
Page   2 Pages
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB
Description METAL GATE RF SILICON FET

D2053UK Datasheet (HTML) - Seme LAB


D2053UK Product details

GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 5W – 28V – 1GHz PUSH–PULL

FEATURES
• SIMPLIFIED AMPLIFIER DESIGN
• SUITABLE FOR BROAD BAND APPLICATIONS
• VERY LOW Crss
• SIMPLE BIAS CIRCUITS
• LOW NOISE
• HIGH GAIN – 13 dB MINIMUM

APPLICATIONS
• VHF/UHF COMMUNICATIONS from 1 MHz to 1 GHz




Similar Part No. - D2053UK

ManufacturerPart #DatasheetDescription
logo
G.M. International
D2053 GMI-D2053 Datasheet
245Kb / 2P
Transistor Output Repeater DIN-Rail Model D2053M
D2053M GMI-D2053M Datasheet
245Kb / 2P
Transistor Output Repeater DIN-Rail Model D2053M
More results


Similar Description - D2053UK

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D1004UK SEME-LAB-D1004UK Datasheet
35Kb / 4P
METAL GATE RF SILICON FET
D1011UK SEME-LAB-D1011UK Datasheet
16Kb / 2P
METAL GATE RF SILICON FET
D1015UK SEME-LAB-D1015UK Datasheet
60Kb / 4P
METAL GATE RF SILICON FET
D1016UK SEME-LAB-D1016UK Datasheet
49Kb / 4P
METAL GATE RF SILICON FET
D1017UK SEME-LAB-D1017UK Datasheet
223Kb / 5P
METAL GATE RF SILICON FET
D1031UK SEME-LAB-D1031UK Datasheet
15Kb / 2P
METAL GATE RF SILICON FET
D1082UK SEME-LAB-D1082UK Datasheet
20Kb / 2P
METAL GATE RF SILICON FET
D1084UK SEME-LAB-D1084UK Datasheet
19Kb / 2P
METAL GATE RF SILICON FET
D1211UK SEME-LAB-D1211UK Datasheet
16Kb / 2P
METAL GATE RF SILICON FET
D5012UK SEME-LAB-D5012UK Datasheet
31Kb / 2P
METAL GATE RF SILICON FET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com