Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTD1304 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

KTD1304 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # KTD1304
Download  KTD1304 Download
File Size   250.29 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description NPN Plastic Encapsulated Transistor

KTD1304 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTD1304 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # KTD1304
Download  KTD1304 Click to download

File Size   250.29 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description NPN Plastic Encapsulated Transistor

KTD1304 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


KTD1304 Product details

FEATURES
• High emitter-base voltage: VEBO=12V(Min)
• low on resistance: Ron=0.6Ω(max)(IB=1mA)




Similar Part No. - KTD1304

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTD1304 KEC-KTD1304 Datasheet
208Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (AUDIO MUTING)
logo
Galaxy Semi-Conductor H...
KTD1304 BILIN-KTD1304 Datasheet
175Kb / 4P
NPN Silicon Epitaxial Planar Transistor
logo
Weitron Technology
KTD1304 WEITRON-KTD1304 Datasheet
398Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
KTD1304 HTSEMI-KTD1304 Datasheet
913Kb / 2P
TRANSISTOR (NPN)
logo
MAKO SEMICONDUCTOR CO.,...
KTD1304 MAKOSEMI-KTD1304 Datasheet
94Kb / 2P
High emitter-base voltage
More results


Similar Description - KTD1304

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1318A SECOS-2SC1318A Datasheet
135Kb / 2P
NPN Plastic Encapsulated Transistor
2SC1923 SECOS-2SC1923 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
D882S SECOS-D882S Datasheet
214Kb / 2P
NPN Plastic Encapsulated Transistor
2SC4548 SECOS-2SC4548 Datasheet
77Kb / 1P
NPN Plastic Encapsulated Transistor
2SBA42 SECOS-2SBA42 Datasheet
74Kb / 1P
NPN Plastic Encapsulated Transistor
2SC2668 SECOS-2SC2668 Datasheet
140Kb / 2P
NPN Plastic-Encapsulated Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com