Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTD1304 Datasheet (PDF) - KEC(Korea Electronics)

KTD1304 Datasheet PDF - KEC(Korea Electronics)
Part # KTD1304
Download  KTD1304 Download
File Size   208.48 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR NPN TRANSISTOR (AUDIO MUTING)

KTD1304 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTD1304 Datasheet PDF - KEC(Korea Electronics)

Part # KTD1304
Download  KTD1304 Click to download

File Size   208.48 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR NPN TRANSISTOR (AUDIO MUTING)

KTD1304 Datasheet (HTML) - KEC(Korea Electronics)


KTD1304 Product details

AUDIO MUTING APPLICATION.

FEATURES
• High Emitter-Base Voltage : VEBO=12V(Min.).
• High Reverse hFE : Reverse hFE=20(Min.) (VCE=2V, IC=4mA).
• Low on Resistance : RON=0.6Ω (Max.) (IB=1mA).




Similar Part No. - KTD1304

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
KTD1304 BILIN-KTD1304 Datasheet
175Kb / 4P
NPN Silicon Epitaxial Planar Transistor
logo
Weitron Technology
KTD1304 WEITRON-KTD1304 Datasheet
398Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
SeCoS Halbleitertechnol...
KTD1304 SECOS-KTD1304 Datasheet
250Kb / 2P
NPN Plastic Encapsulated Transistor
logo
Shenzhen Jin Yu Semicon...
KTD1304 HTSEMI-KTD1304 Datasheet
913Kb / 2P
TRANSISTOR (NPN)
logo
MAKO SEMICONDUCTOR CO.,...
KTD1304 MAKOSEMI-KTD1304 Datasheet
94Kb / 2P
High emitter-base voltage
More results


Similar Description - KTD1304

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRC231M KEC-KRC231M Datasheet
197Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, AUDIO MUTING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC231S KEC-KRC231S Datasheet
202Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, AUDIO MUTING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC281M KEC-KRC281M Datasheet
380Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, AUDIO MUTING)
KRC281S KEC-KRC281S Datasheet
383Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, AUDIO MUTING)
KRC681T KEC-KRC681T Datasheet
387Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, AUDIO MUTING)
KRC881T KEC-KRC881T Datasheet
386Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, AUDIO MUTING)
KTC2874 KEC-KTC2874 Datasheet
319Kb / 3P
SILICON NPN TRANSISTOR EPITAXIAL PLANAR TYPE(FOR MUTING AND SWITCHING)
KTC2875 KEC-KTC2875 Datasheet
321Kb / 3P
SILICON NPN TRANSISTOR EPITAXIAL PLANAR TYPE(FOR MUTING AND SWITCHING)
KTD1302 KEC-KTD1302 Datasheet
204Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (AUDIO MUTING)
KTD1303 KEC-KTD1303 Datasheet
204Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (AUDIO MUTING)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com