Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTC2875 Datasheet (PDF) - KEC(Korea Electronics)

KTC2875 Datasheet PDF - KEC(Korea Electronics)
Part # KTC2875
Download  KTC2875 Download
File Size   321.6 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description SILICON NPN TRANSISTOR EPITAXIAL PLANAR TYPE(FOR MUTING AND SWITCHING)

KTC2875 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTC2875 Datasheet PDF - KEC(Korea Electronics)

Part # KTC2875
Download  KTC2875 Click to download

File Size   321.6 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description SILICON NPN TRANSISTOR EPITAXIAL PLANAR TYPE(FOR MUTING AND SWITCHING)

KTC2875 Datasheet (HTML) - KEC(Korea Electronics)


KTC2875 Product details

FOR MUTING AND SWITCHING APPLICATION.

FEATURES
• High Emitter-Base Voltage : VEBO=25V(Min.)
• High Reverse hFE
   : Reverse hFE=150(Typ.) (VCE=-2V, IC=-2mA)
• Low on Resistance : RON=1Ω(Typ.), (IB=5mA)




Similar Part No. - KTC2875

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC2875 KEC-KTC2875 Datasheet
52Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Foshan Blue Rocket Elec...
KTC2875 FOSHAN-KTC2875 Datasheet
614Kb / 6P
Silicon NPN transistor in a SOT-23 Plastic Package
logo
KEC(Korea Electronics)
KTC2875B KEC-KTC2875B Datasheet
52Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
KTC2875 KEC-KTC2875_09 Datasheet
52Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
KTC2875 KEC-KTC2875_15 Datasheet
712Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
More results


Similar Description - KTC2875

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3326 TOSHIBA-2SC3326 Datasheet
177Kb / 4P
NPN EPITAXIAL TYPE (FOR MUTING AND SWITCHING APPLICATIONS)
2SC3327 TOSHIBA-2SC3327 Datasheet
179Kb / 3P
NPN EPITAXIAL TYPE (FOR MUTING AND SWITCHING APPLICATIONS)
HN1C03F TOSHIBA-HN1C03F Datasheet
197Kb / 4P
NPN EPITAXIAL TYPE (FOR MUTING AND SWITCHING APPLICATIONS)
HN1C03FU TOSHIBA-HN1C03FU Datasheet
197Kb / 4P
NPN EPITAXIAL TYPE (FOR MUTING AND SWITCHING APPLICATIONS)
logo
KEC(Korea Electronics)
KRC281M KEC-KRC281M Datasheet
380Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, AUDIO MUTING)
KRC281S KEC-KRC281S Datasheet
383Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, AUDIO MUTING)
KRC681T KEC-KRC681T Datasheet
387Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, AUDIO MUTING)
KRC881T KEC-KRC881T Datasheet
386Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, AUDIO MUTING)
KTC2874 KEC-KTC2874 Datasheet
319Kb / 3P
SILICON NPN TRANSISTOR EPITAXIAL PLANAR TYPE(FOR MUTING AND SWITCHING)
logo
Toshiba Semiconductor
2SC2878 TOSHIBA-2SC2878_07 Datasheet
505Kb / 4P
Silicon NPN Epitaxial Type For Muting and Switching Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com