Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTD1302 Datasheet (PDF) - KEC(Korea Electronics)

KTD1302 Datasheet PDF - KEC(Korea Electronics)
Part # KTD1302
Download  KTD1302 Download
File Size   204.21 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR NPN TRANSISTOR (AUDIO MUTING)

KTD1302 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTD1302 Datasheet PDF - KEC(Korea Electronics)

Part # KTD1302
Download  KTD1302 Click to download

File Size   204.21 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR NPN TRANSISTOR (AUDIO MUTING)

KTD1302 Datasheet (HTML) - KEC(Korea Electronics)


KTD1302 Product details

AUDIO MUTING APPLICATION.

FEATURES
• High Emitter-Base Voltage : VEBO=12V(Min.).
• High Reverse hFE : Reverse hFE=20(Min.) (VCE=2V, IC=4mA).
• Low on Resistance :RON=0.6ή (Typ.) (IB=1mA).




Similar Part No. - KTD1302

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
KTD1302 HTSEMI-KTD1302 Datasheet
462Kb / 1P
TRANSISTOR (NPN)
logo
Foshan Blue Rocket Elec...
KTD1302 FOSHAN-KTD1302 Datasheet
828Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
logo
Jiangsu Changjiang Elec...
KTD1302 JIANGSU-KTD1302 Datasheet
1Mb / 3P
S OT-89-3L Plastic-Encapsulate Transistors
logo
Guangdong Kexin Industr...
KTD1302 KEXIN-KTD1302 Datasheet
334Kb / 1P
NPN Transistors
logo
Nanjing International G...
KTD1302 DGNJDZ-KTD1302 Datasheet
1Mb / 3P
SOT-89-3L Plastic-Encapsulate Transistors
More results


Similar Description - KTD1302

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRC231M KEC-KRC231M Datasheet
197Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, AUDIO MUTING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC231S KEC-KRC231S Datasheet
202Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, AUDIO MUTING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC281M KEC-KRC281M Datasheet
380Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, AUDIO MUTING)
KRC281S KEC-KRC281S Datasheet
383Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, AUDIO MUTING)
KRC681T KEC-KRC681T Datasheet
387Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, AUDIO MUTING)
KRC881T KEC-KRC881T Datasheet
386Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, AUDIO MUTING)
KTC2874 KEC-KTC2874 Datasheet
319Kb / 3P
SILICON NPN TRANSISTOR EPITAXIAL PLANAR TYPE(FOR MUTING AND SWITCHING)
KTC2875 KEC-KTC2875 Datasheet
321Kb / 3P
SILICON NPN TRANSISTOR EPITAXIAL PLANAR TYPE(FOR MUTING AND SWITCHING)
KTD1303 KEC-KTD1303 Datasheet
204Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (AUDIO MUTING)
KTD1304 KEC-KTD1304 Datasheet
208Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (AUDIO MUTING)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com