Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6KE180A Datasheet (PDF) - Microsemi Corporation

MP6KE180A Datasheet PDF - Microsemi Corporation
Part # MP6KE180A
Download  MP6KE180A Download
File Size   325.69 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 600W Transient Voltage Suppressor

MP6KE180A Datasheet (PDF)

Go To PDF Page Download Datasheet
MP6KE180A Datasheet PDF - Microsemi Corporation

Part # MP6KE180A
Download  MP6KE180A Click to download

File Size   325.69 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 600W Transient Voltage Suppressor

MP6KE180A Datasheet (HTML) - Microsemi Corporation


MP6KE180A Product details

DESCRIPTION
This screened MP6KE6.8A – MP6KE200CA series provides a variety of enhanced reliability choices. Uni- and bi- directional options, as well RoHS compliant versions, are available. These devices have the ability to clamp dangerous high voltage transients such as secondary effects of lightning strikes, providing circuit protection to several class levels in the IEC61000-4-5 specification. Clamping time is virtually instantaneous. It also provides protection from transients caused by inductive load dumps, RFI, and ESD, providing protection to IEC61000-4-2 and -4-4.

FEATURES
• Available in both unidirectional and bidirectional configurations
• 3σ lot norm screening performed on standby current ID
• 100% surge tested devices
• Optional 100% screening for avionics grade is available
• Various screenings in reference to MIL-PRF-19500 are available. Refer to Hirel Non-Hermetic Product Portfolio for more details on the screening options. (See part nomenclature for all options.)
• High reliability controlled devices have wafer fabrication and assembly lot traceability
• Moisture classification is level 1 with no dry pack required per IPC/JEDEC J-STD-020B
• RoHS compliant versions are available

APPLICATIONS / BENEFITS
• Selections from 6.8 to 200 volts breakdown (VBR)
• Economical TVS series for thru-hole mounting
• Protects sensitive components such as IC’s, CMOS, Bipolar, BiCMOS, ECL, DTL, T2L, etc
• Protection from switching transients & induced RFI
• Compliant to IEC 61000-4-2 and IEC 61000-4-4 for ESD and EFT protection respectively.
• Secondary lightning protection per IEC61000-4-5 with 42 ohms source impedance:
   Class 1: MP6KE6.8A to MP6KE130A or CA
   Class 2: MP6KE6.8A to MP6KE68A or CA
   Class 3: MP6KE6.8A to MP6KE36A or CA
   Class 4: MP6KE6.8A to MP6KE18A or CA
• Secondary lightning protection per IEC61000-4-5 with 12 ohms source impedance:
   Class 1: MP6KE6.8A to MP6KE43A or CA
   Class 2: MP6KE6.8A to MP6KE22A or CA




Similar Part No. - MP6KE180A

ManufacturerPart #DatasheetDescription
logo
Rohm
MP6K11 ROHM-MP6K11 Datasheet
1Mb / 7P
4V Drive Nch Nch MOSFET
MP6K11 ROHM-MP6K11_11 Datasheet
1Mb / 7P
4V Drive Nch Nch MOSFET
MP6K12 ROHM-MP6K12 Datasheet
1Mb / 7P
4V Drive Nch Nch MOSFET
MP6K13 ROHM-MP6K13 Datasheet
1Mb / 7P
4V Drive Nch Nch MOSFET
MP6K14 ROHM-MP6K14 Datasheet
1Mb / 7P
4V Drive Nch Nch MOSFET
More results


Similar Description - MP6KE180A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA Datasheet
69Kb / 4P
600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 12 - 2
P6KE6V8CA DIODES-P6KE6V8CA_1 Datasheet
77Kb / 4P
600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
logo
New Jersey Semi-Conduct...
P6KE6.8 NJSEMI-P6KE6.8 Datasheet
153Kb / 3P
600w Transient Voltage Suppressor
logo
Comchip Technology
P6KE-HF COMCHIP-P6KE-HF Datasheet
105Kb / 4P
600W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P6KE LEIDITECH-P6KE Datasheet
775Kb / 5P
600W Transient Voltage Suppressor
logo
WeEn Semiconductors
P6SMAL WEEN-P6SMAL Datasheet
557Kb / 7P
600W Transient Voltage Suppressor
SMBJ WEEN-SMBJ Datasheet
605Kb / 7P
600W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
6AJ LEIDITECH-6AJ Datasheet
917Kb / 6P
600W Transient Voltage Suppressor
P6SMB LEIDITECH-P6SMB Datasheet
1Mb / 6P
600W Transient Voltage Suppressor
SMAFJ LEIDITECH-SMAFJ Datasheet
1Mb / 4P
600W Transient Voltage Suppressor
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com