Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6KE180A Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MP6KE180A
Description  600W Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MP6KE180A Datasheet(HTML) 1 Page - Microsemi Corporation

  MP6KE180A Datasheet HTML 1Page - Microsemi Corporation MP6KE180A Datasheet HTML 2Page - Microsemi Corporation MP6KE180A Datasheet HTML 3Page - Microsemi Corporation MP6KE180A Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
Gort Road Business Park, Ennis, Co. Clare, Ireland.
6 Lake Street, Lawrence, MA 01841
Tel: +353 (0) 65 6840044, Fax: +353 (0) 65 6822298
Tel: 1-800-446-1158 / (978) 794-1666, Fax: (978) 6890803
Website: http://www.microsemi.com
RF01007 Rev A, June 2010
High Reliability Product Group
Page 1 of 4
DEVICES
MP6KE6.8A thru MP6KE200CA, e3
LEVELS
M, MA, MX, MXL
FEATURES
High reliability controlled devices with wafer fabrication and assembly lot traceability
100 % surge tested devices
Optional upscreening available by replacing the M prefix with MA, MX or MXL. These prefixes
specify various screening and conformance inspection options based on MIL-PRF-19500.
Refer to MicroNote 129 for more details on the screening options.
Surface mount equivalents available as MSMBJ5.0A to MSMBJ170CA
Moisture classification is Level 1 with no dry pack required per IPC/JEDEC J-STD-020B
RoHS Compliant devices
available by adding “e3” suffix
3σ lot norm screening performed on Standby Current ID
APPLICATIONS / BENEFITS
Economical TVS series for thru-hole mounting
Protects sensitive components such as IC’s, CMOS, Bipolar, BiCMOS, ECL, DTL, T
2
L, etc.
Protection from switching transients & induced RF
Compliant to IEC 61000-4-2 and IEC 61000-4-4 for ESD and EFT protection respectively
Secondary lightning protection per IEC61000-4-5 with 42 Ohms source impedance:
o
Class 1: MP6KE6.8A to MP6KE130A or CA
o
Class 2: MP6KE6.8A to MP6KE68A or CA
o
Class 3: MP6KE6.8A to MP6KE36A or CA
o
Class 4: MP6KE6.8A to MP6KE18A or CA
Secondary lightning protection per IEC61000-4-5 with 12 Ohms source impedance:
o
Class 1: MP6KE6.8A to MP6KE43A or CA
o
Class 2: MP6KE6.8A to MP6KE22A or CA
MAXIMUM RATINGS
Peak Pulse Power dissipation at 25
°C: 600 watts at 10/1000 μs (also see Figures 1,2, and 3)
with impulse repetition rate (duty factor) of 0.01 % or less
tclamping (0 V to V(BR) min.): < 100 ps theoretical for unidirectional and < 5 ns for bidirectional
Operating and Storage temperature: -65
°C to +150 °C
Thermal Resistance: 25
°C/W at 3/8 inch (10 mm) lead length from body, or 85
C/W junction
to ambient when mounted on FR4 PC board with 4 mm
2 copper pads (1 oz) and track width 1
mm, length 25 mm
Steady-State Power: 5 watts @ TL=25
°C 3/8 inch (10 mm) from body, or 1.47 W when
mounted on FR4 PC board described for thermal resistance
Forward Voltage at 25
°C: 3.5 Volts maximum @ 100 Amp peak impulse of 8.3 ms half-sine
wave (unidirectional only)
Solder temperatures: 260
°C for 10 s (maximum)
T-18
600W Transient Voltage Suppressor
- High Reliability controlled devices
- Economical series for thru hole mounting
- Unidirectional (A) and Bidirectional (CA) construction
- Selections for 5.8 to 171 V standoff voltages (VWM)


Similar Part No. - MP6KE180A

ManufacturerPart #DatasheetDescription
logo
Rohm
MP6K11 ROHM-MP6K11 Datasheet
1Mb / 7P
4V Drive Nch Nch MOSFET
MP6K11 ROHM-MP6K11_11 Datasheet
1Mb / 7P
4V Drive Nch Nch MOSFET
MP6K12 ROHM-MP6K12 Datasheet
1Mb / 7P
4V Drive Nch Nch MOSFET
MP6K13 ROHM-MP6K13 Datasheet
1Mb / 7P
4V Drive Nch Nch MOSFET
MP6K14 ROHM-MP6K14 Datasheet
1Mb / 7P
4V Drive Nch Nch MOSFET
More results

Similar Description - MP6KE180A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA Datasheet
69Kb / 4P
600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 12 - 2
P6KE6V8CA DIODES-P6KE6V8CA_1 Datasheet
77Kb / 4P
600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
logo
New Jersey Semi-Conduct...
P6KE6.8 NJSEMI-P6KE6.8 Datasheet
153Kb / 3P
600w Transient Voltage Suppressor
logo
Comchip Technology
P6KE-HF COMCHIP-P6KE-HF Datasheet
105Kb / 4P
600W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P6KE LEIDITECH-P6KE Datasheet
775Kb / 5P
600W Transient Voltage Suppressor
logo
WeEn Semiconductors
P6SMAL WEEN-P6SMAL Datasheet
557Kb / 7P
600W Transient Voltage Suppressor
SMBJ WEEN-SMBJ Datasheet
605Kb / 7P
600W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
6AJ LEIDITECH-6AJ Datasheet
917Kb / 6P
600W Transient Voltage Suppressor
P6SMB LEIDITECH-P6SMB Datasheet
1Mb / 6P
600W Transient Voltage Suppressor
SMAFJ LEIDITECH-SMAFJ Datasheet
1Mb / 4P
600W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com