Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT400 Datasheet (PDF) - Microsemi Corporation

MT400 Datasheet PDF - Microsemi Corporation
Part # MT400
Download  MT400 Download
File Size   117.36 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Single 25A Full Wave Rectifier

MT400 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT400 Datasheet PDF - Microsemi Corporation

Part # MT400
Download  MT400 Click to download

File Size   117.36 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Single 25A Full Wave Rectifier

MT400 Datasheet (HTML) - Microsemi Corporation




Similar Part No. - MT400

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MT400 MICROSEMI-MT400 Datasheet
73Kb / 2P
SINGLE PHASE BRIDGE MODULES
logo
Marktech Corporate
MT400-UR MARKTECH-MT400-UR Datasheet
42Kb / 1P
T-1 3/4 TAPERED ULTRA BRIGHT LED LAMPS?
MT4003B-UBL MARKTECH-MT4003B-UBL Datasheet
34Kb / 1P
Marktech 3mm Ultra Bright Y G LEDs
More results


Similar Description - MT400

ManufacturerPart #DatasheetDescription
logo
International Rectifier
4GBL IRF-4GBL Datasheet
99Kb / 5P
4.0 Amps Single Phase Full Wave Bridge Rectifier
logo
Sensitron
S469-01 SENSITRON-S469-01 Datasheet
156Kb / 2P
SINGLE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
SL1560FR SENSITRON-SL1560FR Datasheet
55Kb / 3P
SINGLE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
SL1560FR SENSITRON-SL1560FR_07 Datasheet
51Kb / 3P
SINGLE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
logo
New Jersey Semi-Conduct...
35MB140A NJSEMI-35MB140A Datasheet
71Kb / 1P
SINGLE-PHASE FULL-WAVE BRIDGE RECTIFIER
logo
ON Semiconductor
LB11961V ONSEMI-LB11961V Datasheet
76Kb / 7P
Single-Phase Full-Wave
May, 2013
logo
GETAI ELECTRONICS DEVIC...
HVPF08 GETEDZ-HVPF08 Datasheet
546Kb / 2P
0.3A 8.0kV--SINGLE-PHASE FULL WAVE BRIDGE RECTIFIER
HVPF06 GETEDZ-HVPF06 Datasheet
515Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE RECTIFIER
logo
List of Unclassifed Man...
RCA-5Z4 ETC1-RCA-5Z4 Datasheet
45Kb / 1P
FULL-WAVE RECTIFIER
logo
JJ Electronic
5U4GB JJ-5U4GB Datasheet
505Kb / 2P
full – wave vacuum rectifier
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com