Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS494D Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SCS494D Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SCS494D
Download  SCS494D Download
File Size   236.54 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 0.4 A, 40 V Surface Mount Schottky Barrier Rectifier

SCS494D Datasheet (PDF)

Go To PDF Page Download Datasheet
SCS494D Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SCS494D
Download  SCS494D Click to download

File Size   236.54 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 0.4 A, 40 V Surface Mount Schottky Barrier Rectifier

SCS494D Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SCS494D

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS494D SECOS-SCS494D_15 Datasheet
236Kb / 2P
Surface Mount Schottky Barrier Rectifier
More results


Similar Description - SCS494D

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS491D SECOS-SCS491D_09 Datasheet
337Kb / 2P
1.0 A, 25 V Surface Mount Schottky Barrier Rectifier
SCS495D SECOS-SCS495D Datasheet
240Kb / 2P
0.4 Amp Surface Mount Schottky Barrier Rectifiers
logo
NXP Semiconductors
PMEG4010ETR NXP-PMEG4010ETR Datasheet
204Kb / 13P
High-temperature 40 V, 1 A Schottky barrier rectifier
26 September 2012
logo
Nexperia B.V. All right...
PMEG4010EP-Q NEXPERIA-PMEG4010EP-Q Datasheet
254Kb / 12P
40 V, 1 A low VF Schottky barrier rectifier
20 February 2023
PMEG4010ER-Q NEXPERIA-PMEG4010ER-Q Datasheet
259Kb / 12P
40 V, 1 A low VF Schottky barrier rectifier
16 November 2022
PMEG4030ER-Q NEXPERIA-PMEG4030ER-Q Datasheet
261Kb / 13P
40 V, 3 A low VF Schottky barrier rectifier
16 November 2022
PMEG4050EP-Q NEXPERIA-PMEG4050EP-Q Datasheet
258Kb / 12P
40 V, 5 A low VF Schottky barrier rectifier
20 February 2023
BAT165A-Q NEXPERIA-BAT165A-Q Datasheet
226Kb / 10P
40 V, 0.75 A medium power Schottky barrier rectifier
28 September 2022
PMEG4010CEGW-Q NEXPERIA-PMEG4010CEGW-Q Datasheet
267Kb / 11P
40 V, 1 A low VF Schottky barrier rectifier
30 March 2022
PMEG4010EP NEXPERIA-PMEG4010EP Datasheet
254Kb / 12P
40 V, 1 A low VF Schottky barrier rectifier
20 February 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com